|
| LM393 |
|
||
|
ONSEMI |
|
6 page
LM393, LM293, LM2903, LM2903V, NCV2903 http://onsemi.com 6 MARKING DIAGRAMS AWL LM393N 1 8 YYWW x = 2 or 3 A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week PDIP−8 N SUFFIX CASE 626 AWL LM2903N 1 8 YYWW SOIC−8 D SUFFIX CASE 751 * *This marking diagram also applies to NCV2903DR2. Micro8 DM SUFFIX CASE 846A x93 AYW 1 8 2903 AYW 1 8 LMx93 ALYW 1 8 2903V ALYW 1 8 2903 ALYW 1 8 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| LM193 | Low Power Low Offset Voltage Dual Comparators | 1 2 3 4 5 More | National Semiconductor |
| MNLM193A-X | LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS | 1 2 3 4 5 More | National Semiconductor |
| LM193JAN | Low Power Low Offset Voltage Dual Comparators | 1 2 3 4 5 More | National Semiconductor |
| AP393 | Low Power Low Offset Voltage Dual Comparators | 1 2 3 4 5 More | Anachip Corp |
| AZ393 | LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| IL393N | LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS | 1 2 | List of Unclassifed Manufacturers |
| SL393 | Low Power Low Offset Voltage Dual Comparators | 1 2 3 4 | System Logic Semiconductor |
| 139RPFX | Quad Comparators Low Offset Voltage | 1 2 3 4 5 More | Maxwell Technologies |
| NTE943 | Integrated Circuit Low Power Low Offset Dual Voltage Comparator | 1 2 3 4 5 | NTE Electronics |
| LM2903 | LOW POWER DUAL VOLTAGE COMPARATORS | 1 2 3 4 5 More | STMicroelectronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |