Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LV373N Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74LV373N
Descripción Electrónicos  Octal D-type transparent latch 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV373N Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LV373N Datasheet HTML 3Page - NXP Semiconductors 74LV373N Datasheet HTML 4Page - NXP Semiconductors 74LV373N Datasheet HTML 5Page - NXP Semiconductors 74LV373N Datasheet HTML 6Page - NXP Semiconductors 74LV373N Datasheet HTML 7Page - NXP Semiconductors 74LV373N Datasheet HTML 8Page - NXP Semiconductors 74LV373N Datasheet HTML 9Page - NXP Semiconductors 74LV373N Datasheet HTML 10Page - NXP Semiconductors 74LV373N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74LV373
Octal D-type transparent latch (3-State)
1998 Jun 10
7
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V and v 3.6V
VM = 0.5V * VCC at VCC t 2.7V and w 4.5V
VOL and VOH are the typical output voltage drop that occur with the
output load.
VX = VOL + 0.3V at VCC w 2.7V and v 3.6V
VX = VOL + 0.1VCC at VCC < 2.7V and w 4.5V
VY = VOH – 0.3V at VCC w 2.7V and v 3.6V
VY = VOH – 0.1VCC at VCC < 2.7V and w 4.5V
SV00662
VM
Dn INPUT
GND
VOH
VOL
VI
Qn OUTPUT
VM
tPLH
tPHL
Figure 1. Data input (Dn) to output (Qn) propagation delays and
the output transition times.
SV00663
VM
LE INPUT
VOL
GND
VOH
VI
Qn OUTPUT
VM
tPLH
tPHL
tW
Figure 2. Latch enable input (LE) pulse width, the latch enable
input to output (Qn) propagation delays
and the output transition times.
SV00664
outputs
disabled
outputs
enabled
outputs
enabled
tPHZ
tPZH
tPZL
tPLZ
VX
VY
VM
VM
VM
OE INPUT
VI
VCC
VOL
VOH
GND
GND
Qn OUTPUT
LOW-to-OFF
OFF-to-LOW
Qn OUTPUT
HIGH-to-OFF
OFF-to-HIGH
Figure 3. 3-State enable and disable times.
SV00665
VM
Dn INPUT
LE INPUT
GND
GND
VI
VI
VM
tsu
tsu
th
th
NOTE: The shaded areas indicate when the input is permitted
to change for predictable output performance.
Figure 4. Data set-up and hold times
for the Dn input to the LE input.
TEST CIRCUIT
SWITCH POSITION
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
RL = 1k
VCC
Test Circuit for Outputs
DEFINITIONS
VCC
VI
< 2.7V
VCC
TEST
tPLH/tPHL
RT = Termination resistance should be equal to ZOUT of pulse generators.
2.7V
2.7–3.6V
w 4.5V
VCC
50 pF
SV00896
S1
tPLZ/tPZL
tPHZ/tPZH
Open
2 * VCC
GND
RL = 1k
Open
2 * VCC
GND
RL = Load resistor
CL = Load capacitance includes jig and probe capacitiance.
Figure 5. Load circuitry for switching times


Número de pieza similar - 74LV373N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
System Logic Semiconduc...
74LV373 SLS-74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
More results

Descripción similar - 74LV373N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com