Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-CM12-Q0DDD Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

No. de pieza HLMP-CM12-Q0DDD
Descripción Electrónicos  T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CM12-Q0DDD Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HLMP-CM12-Q0DDD Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CM12-Q0DDD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CM12-Q0DDD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CM12-Q0DDD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CM12-Q0DDD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CM12-Q0DDD Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-CM12-Q0DDD Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-CM12-Q0DDD Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-CM12-Q0DDD Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Figure 5. Relative intensity vs. DC forward current.
Figure 4. Relative dominant wavelength vs. DC forward current.
DC FORWARD CURRENT – mA
010
20
30
1.025
0.990
1.015
1.020
1.010
1.005
1.000
0.995
GREEN
BLUE
0
1.6
0.2
FORWARD CURRENT – mA
0
5
15
30
1.2
10
25
20
1.4
0.4
1.0
0.8
0.6
BLUE
GREEN
Figure 1. Relative intensity vs. wavelength.
Figure 3. Forward current vs. forward voltage.
Figure 2. Forward current vs. ambient temperature.
WAVELENGTH – nm
350
400
450
500
550
600
650
1.00
CYAN
BLUE
0
0.80
0.60
0.40
0.20
GREEN
0
30
10
0
3.0
20
2.0
1.0
FORWARD VOLTAGE – V
4.0
CYAN
GREEN
BLUE
0
0
VF – FORWARD VOLTAGE – VOLTS
40
80
40
10
20
60
100
20
30
RΘJ-A = 585 °C/W
RΘJ-A = 780 °C/W


Número de pieza similar - HLMP-CM12-Q0DDD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM12-Y2000 AVAGO-HLMP-CM12-Y2000 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CM12-Y20DD AVAGO-HLMP-CM12-Y20DD Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CM12-Y20XX AVAGO-HLMP-CM12-Y20XX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
More results

Descripción similar - HLMP-CM12-Q0DDD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CE15 HP-HLMP-CE15 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CE23 HP-HLMP-CE23 Datasheet
158Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CWXX HP-HLMP-CWXX Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
logo
Broadcom Corporation.
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com