Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LV4316D Datasheet(PDF) 10 Page - NXP Semiconductors |
|
74LV4316D Datasheet(HTML) 10 Page - NXP Semiconductors |
10 / 16 page Philips Semiconductors Product specification 74LV4316 Quad bilateral switches 1998 Jun 23 10 WAVEFORMS VM = 1.5 V at 2.7 V ≤ VCC ≤ 3.6 V VM = 0.5 × VCC at 2.7 V > VCC > 3.6 V VOL and VOH are the typical output voltage drop that occur with the output load Vx = VOL + 0.3 V at 2.7 V ≤ VCC ≤ 3.6 V VX = VOL + 0.1 × VCC at 2.7 V >VCC > 3.6 V VY = VOH – 0.3 V at 2.7 V ≤ VCC ≤ 3.6 V VY = VOH – 0.1 × VCC at 2.7 V >VCC > 3.6 V SV01638 V M V M INPUTS OUTPUTS GND V OL V I V OH tPHL tPLH Figure 12. Input (Vis) to output (Vos) propagation delays. SV01640 outputs disabled outputs enabled outputs enabled tPHZ tPZH tPZL tPLZ VX VY VM VM VM INPUTS OUTPUT HIGH-to-OFF OFF-to-HIGH OUTPUT LOW-to-OFF OFF-to-LOW GND VCC VI VOL VOH GND Figure 13. Turn-on and turn-off times for the inputs (nS, E) to the output (Vos). TEST CIRCUIT VM VM tW NEGATIVE PULSE 10% 10% 90% 90% 0V VM VM tW VI POSITIVE PULSE 90% 90% 10% 10% 0V tTHL (tf) tTLH (tr)tTHL (tf) tTLH (tr) VM = 1.5V Input Pulse Definition SY00044 SWITCH POSITION PULSE GENERATOR RT Vl D.U.T. VO CL= 50pF RL = 1k Vcc Test Circuit for Outputs Open GND S1 VS1 DEFINITIONS VCC VI < 2.7V 2.7–3.6V VCC 2.7V TEST S1 tPLZ/tPZL tPLH/tPHL tPHZ/tPZH VS1 Open GND VS1 ≥ 4.5 V 2 < VCC VCC 2 < VCC RL = Load resistor CL = Load capacitance includes jig and probe capacitance RT = Termination resistance should be equal to ZOUT of pulse generators. VI 2 < VCC RL = 1k Figure 14. Load circuitry for switching times. |
Número de pieza similar - 74LV4316D |
|
Descripción similar - 74LV4316D |