Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST72C334J2B7 Datasheet(PDF) 5 Page - STMicroelectronics |
|
ST72C334J2B7 Datasheet(HTML) 5 Page - STMicroelectronics |
5 / 125 page Table of Contents 5/125 1 PREAMBLE: ST72C334 VERSUS ST72E331 SPECIFICATION New Features available on the ST72C334 s 8 or 16K FLASH/ROM with In-Situ Programming and Read-out protection s New ADC with a better accuracy and conversion time s New configurable Clock, Reset and Supply system s New power saving mode with real time base: Active Halt s Beep capability on PF1 s New interrupt source: Clock security system (CSS) or Main clock controller (MCC) ST72C334 I/O Confuguration and Pinout s Same pinout as ST72E331 s PA6 and PA7 are true open drain I/O ports without pull-up (same as ST72E331) s PA3, PB3, PB4 and PF2 have no pull-up configuration (all IOs present on TQFP44) s PA5:4, PC3:2, PE7:4 and PF7:6 have high sink capabilities (20mA on N-buffer, 2mA on P-buffer and pull-up). On the ST72E331, all these pads (except PA5:4) were 2mA push-pull pad without high sink capabilities. PA4 and PA5 were 20mA true open drain. New Memory Locations in ST72C334 s 20h: MISCR register becomes MISCR1 register (naming change) s 29h: new control/status register for the MCC module s 2Bh: new control/status register for the Clock, Reset and Supply control. This register replaces the WDGSR register keeping the WDOGF flag compatibility. s 40h: new MISCR2 register 4 |
Número de pieza similar - ST72C334J2B7 |
|
Descripción similar - ST72C334J2B7 |