Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


LM27965 Datasheet(Hoja de datos) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de Pieza. LM27965
Descripción  Dual Display White LED Driver with I2C Compatible Brightness Control
Descarga  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo 

 
 5 page
background image
Electrical Characteristics (Notes 2, 8) (Continued)
Note 11: For the two groups of current sinks on a part (BankA and BankB), the following are determined: the maximum sink current in the group (MAX), the minimum
sink current in the group (MIN), and the average sink current of the group (AVG). For each group, two matching numbers are calculated: (MAX-AVG)/AVG and
(AVG-MIN)/AVG. The largest number of the two (worst case) is considered the matching figure for the bank. The matching figure for a given part is considered to
be the highest matching figure of the two banks. The typical specification provided is the most likely norm of the matching figure for all parts.
Note 12: For each Dxx pin, headroom voltage is the voltage across the internal current sink connected to that pin. For Group A, B, and C current sinks, VHRx =VOUT
-VLED. If headroom voltage requirement is not met, LED current regulation will be compromised.
Note 13: SCL and SDIO signals are referenced to VIO and GND for minimum VIO voltage testing.
Note 14: SCL and SDIO should be glitch-free in order for proper brightness control to be realized.
Block Diagram
20155003
www.national.com
5




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LM27964White LED Driver System with I2C Compatible Brightness Control 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2793Low Noise White LED Constant Current Supply with Dual Function Brightness Control 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3519High Frequency Boost White LED Driver with High-Speed PWM Brightness Control 1 2 3 4 5 MoreNational Semiconductor (TI)
NJU6051White LED Driver with Automatic Dimming Control 1 2 3 4 5 MoreNew Japan Radio
TPS60231WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL 1 2 3 4 5 MoreTexas Instruments
TPS61061CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL 1 2 3 4 5 MoreTexas Instruments
LM2792Current Regulated Switched Capacitor LED Driver with Analog Brightness Control 1 2 3 4 5 MoreNational Semiconductor (TI)
AME5136Integrated White LED Driver With Organic LED Display Power Supply 1 2 3 4 5 MoreAnalog Microelectronics
TPS60230WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL 1 2 3 4 5 MoreTexas Instruments

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl