Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


LM27965 Datasheet(Hoja de datos) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de Pieza. LM27965
Descripción  Dual Display White LED Driver with I2C Compatible Brightness Control
Descarga  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo 

 6 page
background image
Typical Performance Characteristics Unless otherwise specified: T
A = 25˚C; VIN = 3.6V; VRESET =
V
IN;VLEDxA =VLEDxB =VLED1C = 3.6V; RSET = 16.9k
Ω;C
1=C2=CIN =CPOUT = 1µF; ENA = ENB = ENC =EN5A = EN3B =
’1’.
LED Drive Efficiency vs Input Voltage
Input Current vs Input Voltage
20155033
20155034
BankA Current Regulation vs Input Voltage
BankB Current Regulation vs Input Voltage
20155030
20155029
BankC Current Regulation vs Input Voltage
BankA Current Matching vs Input Voltage
20155028
20155031
www.national.com
6




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LM27964White LED Driver System with I2C Compatible Brightness Control 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2793Low Noise White LED Constant Current Supply with Dual Function Brightness Control 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3519High Frequency Boost White LED Driver with High-Speed PWM Brightness Control 1 2 3 4 5 MoreNational Semiconductor (TI)
NJU6051White LED Driver with Automatic Dimming Control 1 2 3 4 5 MoreNew Japan Radio
TPS60231WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL 1 2 3 4 5 MoreTexas Instruments
TPS61061CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL 1 2 3 4 5 MoreTexas Instruments
LM2792Current Regulated Switched Capacitor LED Driver with Analog Brightness Control 1 2 3 4 5 MoreNational Semiconductor (TI)
AME5136Integrated White LED Driver With Organic LED Display Power Supply 1 2 3 4 5 MoreAnalog Microelectronics
TPS60230WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL 1 2 3 4 5 MoreTexas Instruments

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2016    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl