Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST72C124J2B1 Datasheet(PDF) 6 Page - STMicroelectronics |
|
ST72C124J2B1 Datasheet(HTML) 6 Page - STMicroelectronics |
6 / 125 page ST72334J/N, ST72314J/N, ST72124J 6/125 2 GENERAL DESCRIPTION 2.1 INTRODUCTION The ST72334J/N, ST72314J/N and ST72124J de- vices are members of the ST7 microcontroller fam- ily. They can be grouped as follows: – ST72334J/N devices are designed for mid-range applications with Data EEPROM, ADC, SPI and SCI interface capabilities. – ST72314J/N devices target the same range of applications but without Data EEPROM. – ST72124J devices are for applications that do not need Data EEPROM and the ADC peripher- al. All devices are based on a common industry- standard 8-bit core, featuring an enhanced instruc- tion set. The ST72C334J/N, ST72C314J/N and ST72C124J versions feature single-voltage FLASH memory with byte-by-byte In-Situ Pro- gramming (ISP) capability. Under software control, all devices can be placed in WAIT, SLOW, ACTIVE-HALT or HALT mode, reducing power consumption when the application is in idle or standby state. The enhanced instruction set and addressing modes of the ST7 offer both power and flexibility to software developers, enabling the design of highly efficient and compact application code. In addition to standard 8-bit data management, all ST7 micro- controllers feature true bit manipulation, 8x8 un- signed multiplication and indirect addressing modes. Figure 1. Device Block Diagram 8-BIT CORE ALU RESE T PORT B TIMER B PORT C SPI PORT E SCI PORT F TIMER A WATCH DOG Internal CLOCK CONTROL RAM (384 or 512 Bytes) PORT D 8-BIT ADC PORT A VSSA VDDA Data-EEPROM (256 Bytes) AND LVD PC7:0 VSS VDD POWER SUPPLY PROGRAM (8 or 16K Bytes) MEMORY OSC1 OSC2 MULTI OSC + CLOCK FILTER VPP/TEST (8 bits) PF7,6,4,2:0 (6 bits) PE7:0 (6 bits for N versions) (2 bits for J versions) PD7:0 (8 bits for N versions) (6 bits for J versions) PA7:0 (8 bits for N versions) (5 bits for J versions) PB7:0 (8 bits for N versions) (5 bits for J versions) 5 |
Número de pieza similar - ST72C124J2B1 |
|
Descripción similar - ST72C124J2B1 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |