Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST72C124J2B6 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza ST72C124J2B6
Descripción Electrónicos  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C124J2B6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST72C124J2B6 Datasheet HTML 6Page - STMicroelectronics ST72C124J2B6 Datasheet HTML 7Page - STMicroelectronics ST72C124J2B6 Datasheet HTML 8Page - STMicroelectronics ST72C124J2B6 Datasheet HTML 9Page - STMicroelectronics ST72C124J2B6 Datasheet HTML 10Page - STMicroelectronics ST72C124J2B6 Datasheet HTML 11Page - STMicroelectronics ST72C124J2B6 Datasheet HTML 12Page - STMicroelectronics ST72C124J2B6 Datasheet HTML 13Page - STMicroelectronics ST72C124J2B6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
10/125
PIN DESCRIPTION (Cont’d)
Legend / Abbreviations:
Type:
I = input, O = output, S = supply
Input level:
A = Dedicated analog input
In/Output level: C = CMOS 0.3VDD/0.7VDD,
CT= CMOS 0.3VDD/0.7VDD with input trigger
Output level:
HS = high sink (on N-buffer only),
Port configuration capabilities:
– Input:
float = floating, wpu = weak pull-up, int = interrupt, ana = analog
– Output:
OD = open drain, T = true open drain, PP = push-pull
Note: the Reset configuration of each pin is shown in bold.
Table 1. Device Pin Description
Pin n
°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output
1 49
PE4 (HS)
I/O CT HS X
X
X
X
Port E4
2 50
PE5 (HS)
I/O CT HS X
X
X
X
Port E5
3 51
PE6 (HS)
I/O CT HS X
X
X
X
Port E6
4 52
PE7 (HS)
I/O CT HS X
X
X
X
Port E7
5 53 2 39 PB0
I/O
CT
X
EI2
X
X
Port B0
6 54 3 40 PB1
I/O
CT
X
EI2
X
X
Port B1
7 55 4 41 PB2
I/O
CT
X
EI2
X
X
Port B2
8 56 5 42 PB3
I/O
CT
X
EI2
X
X
Port B3
9
1
6
1
PB4
I/O
CT
X
EI3
X
X
Port B4
10 2
PB5
I/O
CT
X
EI3
X
X
Port B5
11 3
PB6
I/O
CT
X
EI3
X
X
Port B6
12 4
PB7
I/O
CT
X
EI3
X
X
Port B7
13 5
7
2
PD0/AIN0
I/O
CT
X
X
X
X
X
Port D0
ADC Analog Input 0
14 6
8
3
PD1/AIN1
I/O
CT
X
X
X
X
X
Port D1
ADC Analog Input 1
15 7
9
4
PD2/AIN2
I/O
CT
X
X
X
X
X
Port D2
ADC Analog Input 2
16 8 10 5
PD3/AIN3
I/O
CT
X
X
X
X
X
Port D3
ADC Analog Input 3
17 9 11 6
PD4/AIN4
I/O
CT
X
X
X
X
X
Port D4
ADC Analog Input 4
18 10 12 7
PD5/AIN5
I/O
CT
X
X
X
X
X
Port D5
ADC Analog Input 5
19 11
PD6/AIN6
I/O
CT
X
X
X
X
X
Port D6
ADC Analog Input 6
20 12
PD7/AIN7
I/O
CT
X
X
X
X
X
Port D7
ADC Analog Input 7
21 13 13 8
VDDA
S
Analog Power Supply Voltage
22 14 14 9
VSSA
S
Analog Ground Voltage
23
VDD_3
S
Digital Main Supply Voltage
24
VSS_3
S
Digital Ground Voltage
25 15 15 10 PF0/MCO
I/O
CT
X
EI1
X
X
Port F0
Main clock output (fOSC/2)
26 16 16 11 PF1/BEEP
I/O
CT
X
EI1
X
X
Port F1
Beep signal output
27 17 17 12 PF2
I/O
CT
X
EI1
X
X
Port F2
28
NC
Not Connected


Número de pieza similar - ST72C124J2B6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST72C124J2 STMICROELECTRONICS-ST72C124J2 Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST72C124J2TA STMICROELECTRONICS-ST72C124J2TA Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST72C124J2TC STMICROELECTRONICS-ST72C124J2TC Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
More results

Descripción similar - ST72C124J2B6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST72104G STMICROELECTRONICS-ST72104G Datasheet
1Mb / 140P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
ST72104G STMICROELECTRONICS-ST72104G Datasheet
909Kb / 135P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
February 2000 Rev. 2.2
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72104GX-AUTO STMICROELECTRONICS-ST72104GX-AUTO Datasheet
3Mb / 135P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
ST7FOXF1 STMICROELECTRONICS-ST7FOXF1 Datasheet
3Mb / 226P
   8-bit MCU with single voltage Flash memory, SPI, I짼C, ADC, timers
ST7LITEUSX STMICROELECTRONICS-ST7LITEUSX Datasheet
1Mb / 108P
   8-bit MCU with single voltage Flash memory, ADC, timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com