Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST72C124J2B6 Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza ST72C124J2B6
Descripción Electrónicos  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C124J2B6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST72C124J2B6 Datasheet HTML 7Page - STMicroelectronics ST72C124J2B6 Datasheet HTML 8Page - STMicroelectronics ST72C124J2B6 Datasheet HTML 9Page - STMicroelectronics ST72C124J2B6 Datasheet HTML 10Page - STMicroelectronics ST72C124J2B6 Datasheet HTML 11Page - STMicroelectronics ST72C124J2B6 Datasheet HTML 12Page - STMicroelectronics ST72C124J2B6 Datasheet HTML 13Page - STMicroelectronics ST72C124J2B6 Datasheet HTML 14Page - STMicroelectronics ST72C124J2B6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
11/125
29 18 18 13 PF4/OCMP1_A
I/O
CT
X
X
X
X
Port F4
Timer A Output Compare 1
30
NC
Not Connected
31 19 19 14 PF6 (HS)/ICAP1_A
I/O CT HS X
X
X
X
Port F6
Timer A Input Capture 1
32 20 20 15 PF7 (HS)/EXTCLK_A I/O CT HS X
X
X
X
Port F7
Timer A External Clock Source
33 21 21
VDD_0
S
Digital Main Supply Voltage
34 22 22
VSS_0
S
Digital Ground Voltage
35 23 23 16 PC0/OCMP2_B
I/O
CT
X
X
X
X
Port C0
Timer B Output Compare 2
36 24 24 17 PC1/OCMP1_B
I/O
CT
X
X
X
X
Port C1
Timer B Output Compare 1
37 25 25 18 PC2 (HS)/ICAP2_B
I/O CT HS X
X
X
X
Port C2
Timer B Input Capture 2
38 26 26 19 PC3 (HS)/ICAP1_B
I/O CT HS X
X
X
X
Port C3
Timer B Input Capture 1
39 27 27 20 PC4/MISO
I/O
CT
X
X
X
X
Port C4
SPI Master In / Slave Out Data
40 28 28 21 PC5/MOSI
I/O
CT
X
X
X
X
Port C5
SPI Master Out / Slave In Data
41 29 29 22 PC6/SCK
I/O
CT
X
X
X
X
Port C6
SPI Serial Clock
42 30 30 23 PC7/SS
I/O
CT
X
X
X
X
Port C7
SPI Slave Select (active low)
43 31
PA0
I/O
CT
X
EI0
X
X
Port A0
44 32
PA1
I/O
CT
X
EI0
X
X
Port A1
45 33
PA2
I/O
CT
X
EI0
X
X
Port A2
46 34 31 24 PA3
I/O
CT
X
EI0
X
X
Port A3
47 35 32 25 VDD_1
S
Digital Main Supply Voltage
48 36 33 26 VSS_1
S
Digital Ground Voltage
49 37 34 27 PA4 (HS)
I/O CT HS X
X
X
X
Port A4
50 38 35 28 PA5 (HS)
I/O CT HS X
X
X
X
Port A5
51 39 36 29 PA6 (HS)
I/O CT HS X
T
Port A6
52 40 37 30 PA7 (HS)
I/O CT HS X
T
Port A7
53 41 38 31 ISPSEL
I
Must be tied low in user mode. In pro-
gramming mode when available, this pin
acts as In-Situ Programming mode se-
lection.
54 42 39 32 RESET
I/O
C
X
X
Top priority non maskable interrupt (ac-
tive low)
55
NC
Not Connected
56
NC
57 43 40 33 VSS_3
S
Digital Ground Voltage
58 44 41 34 OSC2
These pins connect a parallel-resonant
crystal or an external clock source to the
on-chip main oscillator.
59 45 42 35 OSC1
60 46 43 36 VDD_3
S
Digital Main Supply Voltage
61 47 44 37 PE0/TDO
I/O
CT
X
X
X
X
Port E0
SCI Transmit Data Out
62 48 1 38 PE1/RDI
I/O
CT
X
X
X
X
Port E1
SCI Receive Data In
63
NC
Not Connected
64
NC
Pin n
°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output


Número de pieza similar - ST72C124J2B6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST72C124J2 STMICROELECTRONICS-ST72C124J2 Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST72C124J2TA STMICROELECTRONICS-ST72C124J2TA Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST72C124J2TC STMICROELECTRONICS-ST72C124J2TC Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
More results

Descripción similar - ST72C124J2B6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST72104G STMICROELECTRONICS-ST72104G Datasheet
1Mb / 140P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
ST72104G STMICROELECTRONICS-ST72104G Datasheet
909Kb / 135P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
February 2000 Rev. 2.2
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72104GX-AUTO STMICROELECTRONICS-ST72104GX-AUTO Datasheet
3Mb / 135P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
ST7FOXF1 STMICROELECTRONICS-ST7FOXF1 Datasheet
3Mb / 226P
   8-bit MCU with single voltage Flash memory, SPI, I짼C, ADC, timers
ST7LITEUSX STMICROELECTRONICS-ST7LITEUSX Datasheet
1Mb / 108P
   8-bit MCU with single voltage Flash memory, ADC, timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com