Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC2868NTR Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza UC2868NTR
Descripción Electrónicos  Resonant-Mode Power Supply Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

UC2868NTR Datasheet(HTML) 2 Page - Texas Instruments

  UC2868NTR Datasheet HTML 1Page - Texas Instruments UC2868NTR Datasheet HTML 2Page - Texas Instruments UC2868NTR Datasheet HTML 3Page - Texas Instruments UC2868NTR Datasheet HTML 4Page - Texas Instruments UC2868NTR Datasheet HTML 5Page - Texas Instruments UC2868NTR Datasheet HTML 6Page - Texas Instruments UC2868NTR Datasheet HTML 7Page - Texas Instruments UC2868NTR Datasheet HTML 8Page - Texas Instruments UC2868NTR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
UC1861-1868
UC2861-2868
UC3861-3868
ABSOLUTE MAXIMUM RATINGS
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22V
Output Current
Source or Sink (Pins 11 & 14) . . . . . . . . . . . . . . . . . . . . . 0.5A
DC Pulse (0.5
µs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5A
Power Ground Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.2V
Inputs (Pins 2, 3, 10, & 15) . . . . . . . . . . . . . . . . . . . . –0.4 to 7V
Error Amp Output Current . . . . . . . . . . . . . . . . . . . . . . . .
±2mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W
Junction Temperature (Operating). . . . . . . . . . . . . . . . . . 150
°C
Lead Temperature (Soldering, 10 seconds) . . . . . . . . . . 300
°C
All voltages are with respect to signal ground and all currents
are positive into the specified terminal. Pin numbers refer to
the J and N packages. Consult Unitrode Integrated Circuits da-
tabook for information regarding thermal specifications and
limitations of packages.
DIL-16, SOIC-16 (Top View)
J or N, DW Packages
CONNNECTION DIAGRAMS
PLCC-20 & LCC-20 (Top View)
Q & L Package
DESCRIPTION (cont.)
UVLO thresholds for the UC1861/62/65/66 are 16.5V
(ON) and 10.5V (OFF), whereas the UC1863/64/67/68
thresholds are 8V (ON) and 7V (OFF). After VCC exceeds
the UVLO threshold, a 5V generator is enabled which
provides bias for the internal circuits and up to 10mA for
external usage.
A Fault comparator serves to detect fault conditions and
set a latch while forcing the output drivers low. The Soft-
Ref pin serves three functions: providing soft start, re-
start delay, and the internal system reference.
Each device features dual 1 Amp peak totem pole output
drivers for direct interface to power MOSFETS. The out-
puts
are
programmed
to
alternate
in
the
UC1861/63/65/67 devices.
The UC1862/64/66/68 out-
puts operate in unison alllowing a 2 Amp peak current.
PACKAGE PIN FUNCTION
FUNCTION
PIN
Soft Ref
1
5V
2
NI
3
INV
4
E/A Out
5
Sig Gnd
6
Range
7
RMIN
8
CVCO
9
RC
10
Zero
11
NC
12
NC
13
A Out
14
Pwr Gnd
15
Pwr Gnd
16
VCC
17
B Out
18
NC
19
Fault
20


Número de pieza similar - UC2868NTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC2868 TI1-UC2868 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
More results

Descripción similar - UC2868NTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_16 Datasheet
3Mb / 15P
[Old version datasheet]   Resonant-Mod Power Supply Controllers
UC3860N TI-UC3860N Datasheet
548Kb / 10P
[Old version datasheet]   Resonant Mode Power Supply Controller
UC1860 TI-UC1860 Datasheet
584Kb / 9P
[Old version datasheet]   Resonant Mode Power Supply Controller
logo
ON Semiconductor
MC34067 ONSEMI-MC34067_05 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC33067 ONSEMI-MC33067_15 Datasheet
540Kb / 16P
   High Performance Resonant Mode Controllers
August, 2015 ??Rev. 15
MC34067 ONSEMI-MC34067_09 Datasheet
634Kb / 16P
   High Performance Resonant Mode Controllers
December, 2009 ??Rev. 13
logo
Motorola, Inc
MC34066 MOTOROLA-MC34066 Datasheet
171Kb / 12P
   High Performance Resonant Mode Controllers
logo
STMicroelectronics
STEVAL-ISA017V1 STMICROELECTRONICS-STEVAL-ISA017V1 Datasheet
95Kb / 4P
   Switch mode Quasi-Resonant Flyback Power Supply
March 2007 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com