Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74ACT04DTR2 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC74ACT04DTR2
Descripción Electrónicos  Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT04DTR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74ACT04DTR2 Datasheet HTML 1Page - ON Semiconductor MC74ACT04DTR2 Datasheet HTML 2Page - ON Semiconductor MC74ACT04DTR2 Datasheet HTML 3Page - ON Semiconductor MC74ACT04DTR2 Datasheet HTML 4Page - ON Semiconductor MC74ACT04DTR2 Datasheet HTML 5Page - ON Semiconductor MC74ACT04DTR2 Datasheet HTML 6Page - ON Semiconductor MC74ACT04DTR2 Datasheet HTML 7Page - ON Semiconductor MC74ACT04DTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
May, 2001 – Rev. 5
1
Publication Order Number:
MC74AC04/D
MC74AC04, MC74ACT04
Hex Inverter
Outputs Source/Sink 24 mA
′ACT04 Has TTL Compatible Inputs
13
14
12
11
10
9
8
2
1
34567
GND
VCC
Figure 1. Pinout: 14–Lead Packages Conductors
(Top View)
MAXIMUM RATINGS*
Rating
Symbol
Value
Unit
DC Supply Voltage (Referenced to GND)
VCC
–0.5 to
+7.0
V
DC Input Voltage (Referenced to GND)
Vin
–0.5 to
VCC +0.5
V
DC Output Voltage (Referenced to GND)
Vout
–0.5 to
VCC +0.5
V
DC Input Current, per Pin
Iin
±20
mA
DC Output Sink/Source Current, per Pin
Iout
±50
mA
DC VCC or GND Current per Output Pin
ICC
±50
mA
Storage Temperature
Tstg
–65 to
+150
°C
*Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation should be restricted to the Recommended Operating
Conditions.
TSSOP–14
DT SUFFIX
CASE 948G
1
14
EIAJ–14
M SUFFIX
CASE 965
1
14
SO–14
D SUFFIX
CASE 751A
http://onsemi.com
1
14
1
14
PDIP–14
N SUFFIX
CASE 646
Device
Package
Shipping
ORDERING INFORMATION
MC74AC04DT
TSSOP–14
96 Units/Rail
MC74AC04DTR2
TSSOP–14 2500 Tape & Reel
MC74ACT04DT
TSSOP–14
96 Units/Rail
MC74ACT04DTR2
TSSOP–14 2500 Tape & Reel
MC74AC04N
PDIP–14
25 Units/Rail
MC74AC04D
SOIC–14
55 Units/Rail
MC74ACT04N
PDIP–14
25 Units/Rail
MC74AC04DR2
SOIC–14
2500 Tape & Reel
MC74ACT04D
SOIC–14
55 Units/Rail
MC74ACT04DR2
SOIC–14
2500 Tape & Reel
MC74AC04M
EIAJ–14
50 Units/Rail
MC74AC04MEL
EIAJ–14
2000 Tape & Reel
MC74ACT04M
EIAJ–14
50 Units/Rail
MC74ACT04MEL
EIAJ–14
2000 Tape & Reel
See general marking information in the device marking
section on page 5 of this data sheet.
DEVICE MARKING INFORMATION


Número de pieza similar - MC74ACT04DTR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74ACT04DTR2 ONSEMI-MC74ACT04DTR2 Datasheet
140Kb / 10P
   Hex Inverter
October, 2006 ??Rev. 7
MC74ACT04DTR2G ONSEMI-MC74ACT04DTR2G Datasheet
140Kb / 10P
   Hex Inverter
October, 2006 ??Rev. 7
MC74ACT04DTR2G ONSEMI-MC74ACT04DTR2G Datasheet
87Kb / 8P
   Hex Inverter
January, 2015 ??Rev. 8
MC74ACT04DTR2G ONSEMI-MC74ACT04DTR2G Datasheet
86Kb / 8P
   Hex Inverter
August, 2017 ??Rev. 9
More results

Descripción similar - MC74ACT04DTR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com