Nombre de pieza
         Descripción
74LVX14

 LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS ( 11 Page)


STMICROELECTRONICS
100% 
Zoom Out Zoom In
 
 5 page
background image
74LVX14
5/11
Figure 4: Waveform - Propagation Delays (f=1MHz; 50% duty cycle)
1  2  3  4  5  6  7  8  9  10  11 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
74LCX14LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
TC74LCX14FLOW VOLTAGE HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
74LCX04MTRLOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
74LVX05LOW VOLTAGE CMOS HEX INVERTER OPEN DRAIN WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
74LVX04LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
74LCX05LOW VOLTAGE CMOS HEX INVERTER OPEN DRAIN WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
74LCX14Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs 1 2 3 4 5 MoreFairchild Semiconductor
74LX1G14LOW VOLTAGE CMOS SINGLE SCHMITT INVERTER WITH 5V TOLERANT INPUT 1 2 3 4 5 MoreSTMicroelectronics
74LCXU04LOW VOLTAGE CMOS HEX INVERTER SINGLE STAGE WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl