Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC16240ADGG Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74LVC16240ADGG
Descripción Electrónicos  16-bit buffer/line driver; inverting 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16240ADGG Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC16240ADGG Datasheet HTML 2Page - NXP Semiconductors 74LVC16240ADGG Datasheet HTML 3Page - NXP Semiconductors 74LVC16240ADGG Datasheet HTML 4Page - NXP Semiconductors 74LVC16240ADGG Datasheet HTML 5Page - NXP Semiconductors 74LVC16240ADGG Datasheet HTML 6Page - NXP Semiconductors 74LVC16240ADGG Datasheet HTML 7Page - NXP Semiconductors 74LVC16240ADGG Datasheet HTML 8Page - NXP Semiconductors 74LVC16240ADGG Datasheet HTML 9Page - NXP Semiconductors 74LVC16240ADGG Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product specification
74LVC16240A
16-bit buffer/line driver; inverting (3-State)
1997 Jul 29
7
SSOP48:
plastic shrink small outline package; 48 leads; body width 7.5 mm
SOT370-1


Número de pieza similar - 74LVC16240ADGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74LVC16240ADGG NEXPERIA-74LVC16240ADGG Datasheet
210Kb / 12P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 5 - 25 April 2019
74LVC16240ADGG-Q100 NEXPERIA-74LVC16240ADGG-Q100 Datasheet
209Kb / 12P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
More results

Descripción similar - 74LVC16240ADGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
   16-bit inverting buffer/line driver 3-State
August 23, 1993
74ABT16240A NXP-74ABT16240A Datasheet
90Kb / 14P
   16-bit inverting buffer/line driver; 3-state
Rev. 04-25 March 2009
logo
Nexperia B.V. All right...
74ABT16240A NEXPERIA-74ABT16240A Datasheet
211Kb / 11P
   16-bit inverting buffer/line driver; 3-state
Rev. 7 - 7 July 2021
logo
NXP Semiconductors
74ALVT16240 PHILIPS-74ALVT16240 Datasheet
95Kb / 16P
   16-bit inverting buffer/driver; 3-state
Rev. 03-4 July 2005
74ABT16240A PHILIPS-74ABT16240A Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
logo
Fairchild Semiconductor
74ACTQ16240 FAIRCHILD-74ACTQ16240 Datasheet
71Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
74ACT16540 TI1-74ACT16540_10 Datasheet
112Kb / 6P
[Old version datasheet]   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Fairchild Semiconductor
74ACT16240 FAIRCHILD-74ACT16240_05 Datasheet
83Kb / 6P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACTQ16540 FAIRCHILD-74ACTQ16540 Datasheet
85Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16240 FAIRCHILD-74ACT16240 Datasheet
81Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com