Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40007 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40007
Descripción Electrónicos  LOW-INPUT HIGH-EFFICIEDCY SYNCHRONOUS BUCK CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40007 Datasheet(HTML) 5 Page - Texas Instruments

  TPS40007 Datasheet HTML 1Page - Texas Instruments TPS40007 Datasheet HTML 2Page - Texas Instruments TPS40007 Datasheet HTML 3Page - Texas Instruments TPS40007 Datasheet HTML 4Page - Texas Instruments TPS40007 Datasheet HTML 5Page - Texas Instruments TPS40007 Datasheet HTML 6Page - Texas Instruments TPS40007 Datasheet HTML 7Page - Texas Instruments TPS40007 Datasheet HTML 8Page - Texas Instruments TPS40007 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TPS40007
TPS40009
SLUS589B− NOVEMBER 2003 − REVISED FEBRUARY 2005
5
www.ti.com
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BOOT
10
O
Provides a bootstrapped supply for the topside MOSFET driver, enabling the gate of the topside
MOSFET to be driven above the input supply rail
COMP
3
O
Output of the error amplifier
FB
2
I
Inverting input of the error amplifier. In normal operation the voltage at this pin is the internal reference level of 700 mV.
GND
5
Power supply return for the device. The power stage ground return on the board requires a separate path from other
sensitive signal ground returns.
HDRV
9
O
This is the gate drive output for the topside N-channel MOSFET. HDRV is bootstrapped to near 2
× VDD for good en-
hancement of the topside MOSFET.
ILIM
1
I
A resistor is connected between this pin and VDD to set up the over current threshold voltage. A 15-
µA current sink at
the pin establishes a voltage drop across the external resistor that represents the drain-to-source voltage across the
top side N-channel MOSFET during an over current condition. The ILIM over current comparator is blanked for the
first 100 ns to allow full enhancement of the top MOSFET. Set the ILIM voltage level such that it is within 800 mV of
VDD; that is, (VDD − 0.8) ≤ IILIM ≤ VDD.
LDRV
6
O
Gate drive output for the low-side synchronous rectifier N-channel MOSFET
SS/SD
4
I
Soft-start and overcurrent fault shutdown times are set by charging and discharging a capacitor connected to this pin.
A closed loop soft-start occurs when the internal 3-
µA current source charges the external capacitor. There is a 0.65-V
offset between external SS pin and internal soft-start voltage at the error amplifier input. This allows the device to be
enabled before starting VOUT, thus ensuring that VOUT soft starts smoothly. When the SS/SD voltage is less than 0.25
V, the device is shutdown and the HDRV and LDRV are driven low. In normal operation, the capacitor is charged to
VDD. When a fault condition is asserted, the soft-start capacitor goes through six charge/discharge cycles, restarting
the converter on the seventh cycle.
SW
8
O
Connect to the switched node on the converter. This pin is used for overcurrent sensing in the topside N-channel
MOSFET, and level sensing for predictive delay circuit. Overcurrent is determined, when the topside N-channel MOS-
FET is on, by comparing the voltage on SW with respect to VDD and the voltage on the ILIM with respect to VDD.
This pin is also used for the return of the topside N-channel MOSFET driver.
VDD
7
I
Power input for the chip, 5.5-V maximum. Decouple close to the pin with a low-ESR capacitor, 1-
µF or larger.
FUNCTIONAL BLOCK DIAGRAM
UDG−03162
15
µA
3.7
µA
7
BOOT
10
VDD
2
ILIM
1
FB
3
SW
8
COMP
4
HDRV
9
SS/SD
5
LDRV
6
GND
UVLO
VDD
+
REF
2 V
ERROR AMPLIFIER
0.7 V
SOFT
START
0.26 V
SHUT DOWN
OSC
UVLO
DISCHARGE
SS ACTIVE
FAULT
COUNTER
PWM COMP
PWM
LOGIC
OC
THERMAL
SHUTDOWN
CLK
UVLO
PREDICTIVE
GATE
DRIVE
(VDD−1.2 V)
CURRENT
LIMIT COMP
VDD
PWM
LO
VDD
HI
FAULT
LDRV
100 ns DELAY
EN
0.65 V
+


Número de pieza similar - TPS40007

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
[Old version datasheet]   LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
TPS40007DGQ TI1-TPS40007DGQ Datasheet
858Kb / 28P
[Old version datasheet]   LOW-INPUT HIGH-EFFICIENCY SYNCHRNOUS BUCK CONTROLLER
TPS40007DGQG4 TI1-TPS40007DGQG4 Datasheet
858Kb / 28P
[Old version datasheet]   LOW-INPUT HIGH-EFFICIENCY SYNCHRNOUS BUCK CONTROLLER
TPS40007DGQR TI1-TPS40007DGQR Datasheet
858Kb / 28P
[Old version datasheet]   LOW-INPUT HIGH-EFFICIENCY SYNCHRNOUS BUCK CONTROLLER
TPS40007DGQRG4 TI1-TPS40007DGQRG4 Datasheet
858Kb / 28P
[Old version datasheet]   LOW-INPUT HIGH-EFFICIENCY SYNCHRNOUS BUCK CONTROLLER
More results

Descripción similar - TPS40007

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
[Old version datasheet]   LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI-TPS40000_15 Datasheet
983Kb / 27P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI-TPS40000 Datasheet
292Kb / 20P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000DGQR TI-TPS40000DGQR Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM1480 HMSEMI-HM1480 Datasheet
1Mb / 10P
   Input range synchronous buck controller
logo
Texas Instruments
TPS40051PWPG4 TI1-TPS40051PWPG4 Datasheet
800Kb / 37P
[Old version datasheet]   IDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com