Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HLMP-C317-X0000 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard) |
|
HLMP-C317-X0000 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard) |
7 / 10 page 7 Figure 5. Maximum forward dc current vs. ambient temperature. Derating based on TjMAX = 110°C. Figure 4. Relative efficiency (luminous intensity per unit current) vs. peak current. Figure 6. Relative luminous intensity vs. angular displacement. 15 degree family. 0 IPEAK – PEAK FORWARD CURRENT – mA 0 0.6 0.8 300 20 100 1.2 1.0 0.2 0.4 50 200 10 DH As AlGaAs RED 0 IPEAK – PEAK FORWARD CURRENT – mA 0.4 0.6 0.8 1.0 90 20 70 50 40 1.3 1.1 HIGH PERFORMANCE GREEN YELLOW HIGH EFFICIENCY RED/ORANGE HER, ORANGE, YELLOW, HIGH PERFORMANCE GREEN, EMERALD GREEN 0.5 0.7 0.9 1.2 30 60 80 10 EMERALD GREEN 0 0 TA – AMBIENT TEMPERATURE – °C 40 80 40 20 10 20 60 30 100 5 15 25 35 DH As AlGaAs RED R θJA = 559° C/W R θJA = 689° C/W 0 0 TA – AMBIENT TEMPERATURE – °C 40 80 40 20 10 20 60 30 100 5 15 25 35 HER, ORANGE, YELLOW, AND HIGH PERFORMANCE GREEN, EMERALD GREEN R θJA = 470° C/W R θJA = 705° C/W R θJA = 300° C/W YELLOW HER, ORANGE, GREEN, EMERALD GREEN 1 0 ANGULAR DISPLACEMENT – DEGREES 0.8 0.6 0.5 0.7 0.2 45 0.1 0.3 0.4 40 35 30 25 20 10 5 0 15 -5 -10 -15 -20 -25 -30 -35 -40 -45 0.9 |
Número de pieza similar - HLMP-C317-X0000 |
|
Descripción similar - HLMP-C317-X0000 |