Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1G07GM Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74LVC1G07GM
Descripción Electrónicos  Buffer with open-drain output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G07GM Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC1G07GM Datasheet HTML 5Page - NXP Semiconductors 74LVC1G07GM Datasheet HTML 6Page - NXP Semiconductors 74LVC1G07GM Datasheet HTML 7Page - NXP Semiconductors 74LVC1G07GM Datasheet HTML 8Page - NXP Semiconductors 74LVC1G07GM Datasheet HTML 9Page - NXP Semiconductors 74LVC1G07GM Datasheet HTML 10Page - NXP Semiconductors 74LVC1G07GM Datasheet HTML 11Page - NXP Semiconductors 74LVC1G07GM Datasheet HTML 12Page - NXP Semiconductors 74LVC1G07GM Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
2004 Sep 07
9
Philips Semiconductors
Product specification
Buffer with open-drain output
74LVC1G07
AC WAVEFORMS
handbook, full pagewidth
MNA626
tPLZ
VX
Y output
A input
VI
VCC
VM
VOL
GND
tPZL
VM
Fig.6 Input A to output Y propagation delay times.
VCC
VM
VX
VI
1.65 V to 1.95 V
0.5
× VCC
VOL + 0.15 V
VCC
2.3 V to 2.7 V
0.5
× VCC
VOL + 0.15 V
VCC
2.7 V
1.5 V
VOL + 0.3 V
2.7 V
3.0 V to 3.6 V
1.5 V
VOL + 0.3 V
2.7 V
4.5 V to 5.5 V
0.5
× VCC
VOL + 0.3 V
VCC


Número de pieza similar - 74LVC1G07GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1G07GM NXP-74LVC1G07GM Datasheet
86Kb / 14P
   Buffer with open-drain output
Rev. 08-17 July 2007
logo
Nexperia B.V. All right...
74LVC1G07GM NEXPERIA-74LVC1G07GM Datasheet
266Kb / 17P
   Buffer with open-drain output
Rev. 16 - 3 February 2022
More results

Descripción similar - 74LVC1G07GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
U74HCT3G07 UTC-U74HCT3G07_15 Datasheet
161Kb / 4P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
NL17SG07 ONSEMI-NL17SG07 Datasheet
95Kb / 9P
   Buffer with Open Drain Output
August, 2014 ??Rev. 5
NL17SG07E ONSEMI-NL17SG07E Datasheet
72Kb / 6P
   Buffer with Open Drain Output
August, 2018 ??Rev. 2
logo
Nexperia B.V. All right...
74AHC1G07 NEXPERIA-74AHC1G07 Datasheet
205Kb / 10P
   Buffer with open-drain output
Rev. 9 - 11 January 2022
74LVC1G07-Q100 NEXPERIA-74LVC1G07-Q100 Datasheet
219Kb / 12P
   Buffer with open-drain output
Rev. 5 - 3 February 2022
logo
Unisonic Technologies
U74AHC1G07 UTC-U74AHC1G07 Datasheet
145Kb / 5P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74AHC1G07 PHILIPS-74AHC1G07 Datasheet
77Kb / 16P
   Buffer with open-drain output
2002 Oct 02
74AHC_AHCT1G07 PHILIPS-74AHC_AHCT1G07_15 Datasheet
140Kb / 12P
   Buffer with open-drain output
Rev. 7-18 November 2014
74LVC1G07 NXP-74LVC1G07 Datasheet
86Kb / 14P
   Buffer with open-drain output
Rev. 08-17 July 2007
logo
Nexperia B.V. All right...
74LVC1G07 NEXPERIA-74LVC1G07 Datasheet
266Kb / 17P
   Buffer with open-drain output
Rev. 16 - 3 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com