Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSC08A Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza CSC08A
Descripción Electrónicos  Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CSC08A Datasheet(HTML) 2 Page - Vishay Siliconix

  CSC08A Datasheet HTML 1Page - Vishay Siliconix CSC08A Datasheet HTML 2Page - Vishay Siliconix CSC08A Datasheet HTML 3Page - Vishay Siliconix CSC08A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
33
CSC
Vishay Dale
Document Number: 31509
Revision 02-Aug-02
For Technical Questions, contact: ff2aresistors@vishay.com
DIMENSIONS in inches [millimeters]
1
2
3
n-1
n
1
2
3
4
n-1
n
1
2
3
n-1
n
C
Max.
B
A
Max.
0.018
± 0.003
[0.457
± 0.076]
0.100
± 0.010 [2.54 ± 0.254]
Non-Accumulative
0.050 [1.27] Max.
0.032
[0.813]
0.012
± 0.003
[0.305
± 0.076]
(Leads are Along
Centerline of Body)
0.098 [2.49] Max.
0.045
[1.14]
0.130
± 0.010
[3.30
± 0.254]
* "B" Profile only.
01 Schematic
03 Schematic
05 Schematic
Pin
#1
Thick Film Resistor Networks, Single-In-Line, Coated SIP
Marking Resistance
Permanency testing per MIL-STD-
to Solvents:
202, Method 215.
Solderability:
Per MIL-STD-202, Method 208E,
RMA flux.
Body:
High alumina, epoxy coated.
Terminals:
Copper alloy, solder plated.
Standard E-24 resistance values stocked. Consult factory.
Many dual terminator resistance values stocked. Consult
factory
STOCKED RESISTANCE VALUES IN OHMS
(“G” TOLERANCE)
R1
R2
MECHANICAL SPECIFICATIONS
MODEL
CSC04
CSC06
CSC08
CSC10
CSC12*
MODEL
CSC04
CSC05
CSC06
CSC07
CSC08
CSC09
CSC10
CSC11*
CSC12*
MODEL
CSC04
CSC05
CSC06
CSC07
CSC08
CSC09
CSC10
CSC11*
CSC12*
NUMBER OF
RESISTORS
2
3
4
5
6
NUMBER OF
RESISTORS
3
4
5
6
7
8
9
10
11
NUMBER OF
RESISTORS
4
6
8
10
12
14
16
18
20
A (Maximum)
0.390 [9.90]
0.490 [12.45]
0.590 [14.99]
0.690 [17.53]
0.790 [20.07]
0.890 [22.61]
0.990 [25.15]
1.09 [27.69]
1.19 [30.23]
A (Maximum)
0.390 [9.90]
0.590 [14.99]
0.790 [20.07]
0.990 [25.15]
1.19 [30.23]
A (Maximum)
0.390 [9.90]
0.490 [12.45]
0.590 [14.99]
0.690 [17.53]
0.790 [20.07]
0.890 [22.61]
0.990 [25.15]
1.09 [27.69]
1.19 [30.23]
B
0.300 [7.62]
0.400 [10.16]
0.500 [12.70]
0.600 [15.24]
0.700 [17.78]
0.800 [20.32]
0.900 [22.86]
1.00 [25.40]
1.100 [27.94]
B
0.300 [7.62]
0.500 [12.70]
0.700 [17.78]
0.900 [22.86]
1.100 [27.94]
B
0.300 [7.62]
0.400 [10.16]
0.500 [12.70]
0.600 [15.24]
0.700 [17.78]
0.800 [20.32]
0.900 [22.86]
1.00 [25.40]
1.100 [27.94]
"A" Profile = 0.195 [4.95]
"B" Profile = 0.250 [6.35]
C (Maximum)
C (Maximum)
C (Maximum)
"A" Profile = 0.195 [4.95]
"B" Profile = 0.250 [6.35]
"A" Profile = 0.195 [4.95]
"B" Profile = 0.250 [6.35]


Número de pieza similar - CSC08A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
CSC08A VISHAY-CSC08A Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CSC08A0010R0FEK VISHAY-CSC08A0010R0FEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CSC08A0010R0FPA VISHAY-CSC08A0010R0FPA Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CSC08A0010R0GEK VISHAY-CSC08A0010R0GEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CSC08A0010R0GPA VISHAY-CSC08A0010R0GPA Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
More results

Descripción similar - CSC08A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision 06-Aug-02
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision: 28-Jul-06
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Revision: 25-Aug-06
MSM VISHAY-MSM Datasheet
137Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Revision: 25-Jul-08
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
MDM VISHAY-MDM Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com