Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HLMP-C115-V0001 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
HLMP-C115-V0001 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 10 page Description These non-diffused lamps are designed to produce a bright light source and smooth radiation pattern. A slight tint is added to the lens for easy color identification. This lamp has been designed with a HLMP-C115, HLMP-C117, HLMP-C123, HLMP-C215, HLMP-C223, HLMP-C315, HLMP-C323, HLMP-C415, HLMP-C423, HLMP-C515, HLMP-C523, HLMP-C615, HLMP-C623 Features • Very high intensity • Exceptional uniformity • Microtint lens for color identification • Consistent viewability All colors: AlGaAs Red High Efficiency Red Yellow Orange Green Emerald Green •15 ° and 25° family • Tape and reel options available • Binned for color and intensity Applications • Ideal for backlighting front panels* • Used for lighting switches • Adapted for indoor and outdoor signs Agilent T-13/4 Super Ultra-Bright LED Lamps Data Sheet 20 mil lead frame, enhanced flange, and tight meniscus controls, making it compatible with radial lead automated insertion equipment. |
Número de pieza similar - HLMP-C115-V0001 |
|
Descripción similar - HLMP-C115-V0001 |