Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HLMP-C315-V0001 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard) |
|
HLMP-C315-V0001 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard) |
9 / 10 page 9 Color Categories Lambda (nm) Color Category # Min. Max. 6 561.5 564.5 5 564.5 567.5 Green 4 567.5 570.5 3 570.5 573.5 2 573.5 576.5 1 582.0 584.5 3 584.5 587.0 Yellow 2 587.0 589.5 4 589.5 592.0 5 592.0 593.0 1 597.0 599.5 2 599.5 602.0 3 602.0 604.5 Orange 4 604.5 607.5 5 607.5 610.5 6 610.5 613.5 7 613.5 616.5 8 616.5 619.5 Tolerance for each bin limit is ± 0.5 nm. Intensity Bin Limits, continued Intensity Range (mcd) Color Bin Min. Max. E 7.6 12.0 F 12.0 19.1 G 19.1 30.7 H 30.7 49.1 I 49.1 78.5 J 78.5 125.7 K 125.7 201.1 L 201.1 289.0 Green/ M 289.0 417.0 Emerald Green N 417.0 680.0 O 680.0 1100.0 P 1100.0 1800.0 Q 1800.0 2700.0 R 2700.0 4300.0 S 4300.0 6800.0 T 6800.0 10800.0 U 10800.0 16000.0 V 16000.0 25000.0 W 25000.0 40000.0 Maximum tolerance for each bin limit is ± 18%. |
Número de pieza similar - HLMP-C315-V0001 |
|
Descripción similar - HLMP-C315-V0001 |