Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SLD2Y10K00AQ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
SLD2Y10K00AQ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 2 page Performance Parameters Test Condition Max. Rated Operating Temperature Working Temperature Range Temperature Cyciling Overload Life(Rated Load) Life(Moisture Load) High Temperature Exposure Low Temperature Operation Terminal Strength Dielectric Withstanding Voltage Insulation Resistance Resistance to Soldering Heat Moisture Resistance Storage Life Shock Vibration 25 C 30min.,Room Temperature 5min.,125 C 30min., 5cycles Rated Voltage 2.5, 5 sec. 50G, 11ms, Half-sine Wave, X, Y, Z, each 3 shocks 20G, 10Hz to 55Hz to 10Hz, 1min., X, Y, Z, each 2hrs 70 C, Rated Power, 1.5hr.-ON, 0.5hr.-OFF, 1000hrs 40 C, 90%RH to 95%RH, Rated Power, 1.5hr.-ON, 0.5hr.-OFF, 1000hrs 125 C, No Load, 1000hrs 25 C, No Load, 2hrs 0.908kg(2pounds),10 sec. Atmospheric:AC 300V, 1 min. DC 100V, 1 min. 350 C, 3 sec. 65 C to 10 C, 90%RH to 98%RH, Rated Voltage, 10cycles(240hrs) 15 C to 35 C, 15%RH to 75%RH, No Load, 10000hrs ALPHA Specification ALPHA Typical Test Data R Ratio R Ratio 70 C 25 C to 125 C 0.05% 0.05% 0.05% 0.05% 0.03% 0.1% 0.03% 0.03% 0.03% 0.1% 0.05% 0.02% 0.05% 0.01% 0.01% 0.01% 0.01% 0.01% 0.05% 0.01% 0.01% 0.01% 0.05% 0.01% 0.01% 0.01% 0.01% 0.0025% 0.0025% 0.0025% 0.0025% 0.03% 0.005% 0.005% 0.0025% 0.01% 0.01% 0.005% 0.01% 0.005% 0.001% 0.001% 0.001% 0.001% 0.01% 0.001% 0.001% 0.001% 0.005% 0.005% 0.0025% 0.005% over 10,000M over 10,000M Example of Applications An Application of Type SLD (Input feed-back resistors for amplifiers) Because the input and the feedback resistors are incorporated into one single element, amplification is not affected by temperature change. R1 R2 R1 VIN VOUT R2 |
Número de pieza similar - SLD2Y10K00AQ |
|
Descripción similar - SLD2Y10K00AQ |