Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADF4252 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADF4252
Descripción Electrónicos  Dual Fractional-N/Integer-N Frequency Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADF4252 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4252 Datasheet HTML 6Page - Analog Devices ADF4252 Datasheet HTML 7Page - Analog Devices ADF4252 Datasheet HTML 8Page - Analog Devices ADF4252 Datasheet HTML 9Page - Analog Devices ADF4252 Datasheet HTML 10Page - Analog Devices ADF4252 Datasheet HTML 11Page - Analog Devices ADF4252 Datasheet HTML 12Page - Analog Devices ADF4252 Datasheet HTML 13Page - Analog Devices ADF4252 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
REV. B
–10–
ADF4252
FREQUENCY (GHz)
0
–35
06
1
2345
–5
–10
–15
–25
–30
–20
PRESCALER = 4/5
PRESCALER = 8/9
TPC 19. RF Input Sensitivity
IF INPUT FREQUENCY (GHz)
0
5
35
–0.4
1.6
0.1
0.6
1.1
15
20
25
30
10
40
VDD = 3V
VP2 = 3V
TPC 20. IF Input Sensitivity
PHASE DETECTOR FREQUENCY (Hz)
–120
–130
–180
10k
10M
100k
1M
–150
–160
–170
–140
VDD = 3V
VP = 5V
TPC 21. Phase Noise (Referred to CP Output) vs.
PFD Frequency, RF Side
PHASE DETECTOR FREQUENCY (Hz)
–120
–130
–180
10k
10M
100k
1M
–150
–160
–170
–140
VDD = 3V
VP = 3V
TPC 22. Phase Noise (Referred to CP Output) vs.
PFD Frequency, IF Side
VCP (V)
6
4
0
0.5
1.5
0
–2
–4
2
–6
VDD = 3V
VP1 = 5.5V
1.0
2.0
3.0
2.5
4.0
3.5
4.5
5.5
5.0
TPC 23. RF Charge Pump Output Characteristics
VCP (V)
6
4
0
0.5
1.5
0
–2
–4
2
–6
VDD = 3V
VP2 = 3V
1.0
2.0
3.0
2.5
TPC 24. IF Charge Pump Output Characteristics


Número de pieza similar - ADF4252

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF4252 AD-ADF4252 Datasheet
507Kb / 30P
   Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
ADF4252BCPZ AD-ADF4252BCPZ Datasheet
507Kb / 30P
   Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
ADF4252BCPZ-R7 AD-ADF4252BCPZ-R7 Datasheet
507Kb / 30P
   Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
ADF4252BCPZ-RL AD-ADF4252BCPZ-RL Datasheet
507Kb / 30P
   Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
ADF4252 AD-ADF4252_15 Datasheet
497Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
More results

Descripción similar - ADF4252

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
   Dual Fractional-N / Integer-N Frequency Synthesizer
logo
Analog Devices
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4251 AD-ADF4251 Datasheet
424Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4252 AD-ADF4252_15 Datasheet
497Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
ADF4252 AD-ADF4252_V01 Datasheet
507Kb / 30P
   Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
   Integer-N/Fractional-N PLL Synthesizer
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
   Integer N/Fractional-N, PLL Synthesizer
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com