Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3803-01QDCKREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3803-01QDCKREP
Descripción Electrónicos  VOLTAGE DETECTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS3803-01QDCKREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3803-01QDCKREP Datasheet HTML 5Page - Texas Instruments TPS3803-01QDCKREP Datasheet HTML 6Page - Texas Instruments TPS3803-01QDCKREP Datasheet HTML 7Page - Texas Instruments TPS3803-01QDCKREP Datasheet HTML 8Page - Texas Instruments TPS3803-01QDCKREP Datasheet HTML 9Page - Texas Instruments TPS3803-01QDCKREP Datasheet HTML 10Page - Texas Instruments TPS3803-01QDCKREP Datasheet HTML 11Page - Texas Instruments TPS3803-01QDCKREP Datasheet HTML 12Page - Texas Instruments TPS3803-01QDCKREP Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TPS3803-01MDCKREP
ACTIVE
SC70
DCK
5
3000
None
CU SNPB
Level-1-220C-UNLIM
TPS3803-01QDCKREP
ACTIVE
SC70
DCK
5
3000
None
CU SNPB
Level-1-220C-UNLIM
TPS3803G15MDCKREP
ACTIVE
SC70
DCK
5
3000
None
CU SNPB
Level-1-220C-UNLIM
TPS3803G15QDCKREP
ACTIVE
SC70
DCK
5
3000
None
CU SNPB
Level-1-220C-UNLIM
TPS3805H33MDCKREP
ACTIVE
SC70
DCK
5
3000
None
CU SNPB
Level-1-220C-UNLIM
V62/04648-01XE
ACTIVE
SC70
DCK
5
3000
None
CU SNPB
Level-1-220C-UNLIM
V62/04648-02XE
ACTIVE
SC70
DCK
5
3000
None
CU SNPB
Level-1-220C-UNLIM
V62/04648-04XE
ACTIVE
SC70
DCK
5
3000
None
CU SNPB
Level-1-220C-UNLIM
V62/04648-05XE
ACTIVE
SC70
DCK
5
3000
None
CU SNPB
Level-1-220C-UNLIM
V62/04648-06XE
ACTIVE
SC70
DCK
5
3000
None
CU SNPB
Level-1-220C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
7-Mar-2005
Addendum-Page 1


Número de pieza similar - TPS3803-01QDCKREP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3803-01QDCKREP TI1-TPS3803-01QDCKREP Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
More results

Descripción similar - TPS3803-01QDCKREP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com