Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4N26-X007 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza 4N26-X007
Descripción Electrónicos  Optocoupler, Phototransistor Output, With Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N26-X007 Datasheet(HTML) 1 Page - Vishay Siliconix

  4N26-X007 Datasheet HTML 1Page - Vishay Siliconix 4N26-X007 Datasheet HTML 2Page - Vishay Siliconix 4N26-X007 Datasheet HTML 3Page - Vishay Siliconix 4N26-X007 Datasheet HTML 4Page - Vishay Siliconix 4N26-X007 Datasheet HTML 5Page - Vishay Siliconix 4N26-X007 Datasheet HTML 6Page - Vishay Siliconix 4N26-X007 Datasheet HTML 7Page - Vishay Siliconix 4N26-X007 Datasheet HTML 8Page - Vishay Siliconix 4N26-X007 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4N25/ 4N26/ 4N27/ 4N28
Document Number 83725
Rev. 1.4, 26-Jan-05
Vishay Semiconductors
www.vishay.com
1
i179004
i179004
1
2
3
6
5
4
B
C
E
A
C
NC
Pb
Pb-free
e3
Optocoupler, Phototransistor Output, With Base Connection
Features
• Isolation Test Voltage 5300 VRMS
• Interfaces with Common Logic Families
• Input-output Coupling Capacitance < 0.5 pF
• Industry Standard Dual-in-line 6-pin Package
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E52744 System Code H or J,
Double Protection
• DIN EN 60747-5-2 (VDE0884)
DIN EN 60747-5-5 pending
Available with Option 1
Applications
AC Mains Detection
Reed relay driving
Switch Mode Power Supply Feedback
Telephone Ring Detection
Logic Ground Isolation
Logic Coupling with High Frequency Noise Rejection
Description
The 4N25 family is an Industry Standard Single Chan-
nel Phototransistor Coupler.This family includes the
4N25/ 4N26/ 4N27/ 4N28. Each optocoupler consists
of gallium arsenide infrared LED and a silicon NPN
phototransistor.
These couplers are Underwriters Laboratories (UL)
listed to comply with a 5300 VRMS isolation test volt-
age. This isolation performance is accomplished
through special Vishay manufacturing process.
Compliance to DIN EN 60747-5-2(VDE0884)/ DIN EN
60747-5-5 pending partial discharge isolation specifi-
cation is available by ordering option1.
These isolation processes and the Vishay ISO9001
quality program results in the highest isolation perfor-
mance available for a commercial plastic phototrans-
istor optocoupler.
The devices are also available in lead formed config-
uration suitable for surface mounting and are avail-
able either on tape and reel, or in standard tube
shipping containers.
Note:
For additional design information see Application
Note 45 Normalized Curves
Order Information
For additional information on the available options refer to
Option Information.
Part
Remarks
4N25
CTR > 20 %, DIP-6
4N26
CTR > 20 %, DIP-6
4N27
CTR > 10 %, DIP-6
4N28
CTR > 10 %, DIP-6
4N25-X006
CTR > 20 %, DIP-6 400 mil (option 6)
4N25-X007
CTR > 20 %, SMD-6 (option 7)
4N25-X009
CTR > 20 %, SMD-6 (option 9)
4N26-X006
CTR > 20 %, DIP-6 400 mil (option 6)
4N26-X007
CTR > 20 %, SMD-6 (option 7)
4N26-X009
CTR > 20 %, SMD-6 (option 9)
4N27-X007
CTR > 10 %, SMD-6 (option 7)
4N27-X009
CTR > 10 %, SMD-6 (option 9)
4N28-X009
CTR > 10 %, SMD-6 (option 9)


Número de pieza similar - 4N26-X007

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
4N26-X001 VISHAY-4N26-X001 Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
4N26-X006 VISHAY-4N26-X006 Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
4N26-X009T VISHAY-4N26-X009T Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
More results

Descripción similar - 4N26-X007

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com