Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74V263 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
SN74V263 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 52 page SN74V263, SN74V273, SN74V283, SN74V293 8192 × 18, 16384 × 18, 32768 × 18, 65536 × 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES SCAS669D – JUNE 2001 – REVISED FEBRUARY 2003 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Read Clock (RCLK) Read Enable (REN) Output Enable (OE) Empty Flag/Output Ready (EF/OR) Programmable Almost-Empty Flag (PAE) Write Clock (WCLK) SN74V263 SN74V273 SN74V283 SN74V293 Retransmit (RT) Half-Full Flag (HF) Interspersed/Noninterspersed Parity (IP) ( ×9 or ×18) Data Out (Q0–Qn) Big Endian/Little Endian (BE) Write Enable (WEN) Load (LD) ( ×9 or ×18) Data In (D0–Dn) Serial Enable (SEN) First-Word Fall-Through or Serial Input (FWFT/SI) Full Flag/Input Ready (FF/IR) Programmable Almost-Full Flag (PAF) Input Width (IW) Output Width (OW) Partial Reset (PRS) Master Reset (MRS) Figure 1. Single-Device-Configuration Signal Flow description (continued) A big-endian/little-endian data word format is provided. This function is useful when data is written into the FIFO in long-word ( ×18) format and read out of the FIFO in small-word (×9) format. If big-endian mode is selected, the most significant byte (MSB) (word) of the long word written into the FIFO is read out of the FIFO first, followed by the least significant byte (LSB). If little-endian format is selected, the LSB of the long word written into the FIFO is read out first, followed by the MSB. The mode desired is configured during master reset by the state of the big-endian/little-endian (BE) pin. The interspersed/noninterspersed parity (IP) bit function allows the user to select the parity bit in the word loaded into the parallel port (D0–Dn) when programming the flag offsets. If interspersed-parity mode is selected, the FIFO assumes that the parity bit is located in bit position D8 during the parallel programming of the flag offsets. If noninterspersed-parity mode is selected, D8 is assumed to be a valid bit and D16 and D17 are ignored. IP mode is selected during master reset by the state of the IP input pin. This mode is relevant only when the input width is set to ×18 mode. The SN74V263, SN74V273, SN74V283, and SN74V293 are fabricated using TI’s high-speed submicron CMOS technology. For more information on this device family, see the following application reports: D Interfacing TI High-Speed External FIFOs With TI DSP Via DSPs’ External Memory Interface (EMIF) (literature number SPRA534) D Interfacing TI High-Speed External FIFOs With TI DSP Via DSPs’ Expansion Bus (XBus) (literature number SPRA547) |
Número de pieza similar - SN74V263 |
|
Descripción similar - SN74V263 |