Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT162373DGG Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza 74LVT162373DGG
Descripción Electrónicos  3.3 V LVT 16-bit transparent D-type latch with 30 ohm termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT162373DGG Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVT162373DGG Datasheet HTML 1Page - NXP Semiconductors 74LVT162373DGG Datasheet HTML 2Page - NXP Semiconductors 74LVT162373DGG Datasheet HTML 3Page - NXP Semiconductors 74LVT162373DGG Datasheet HTML 4Page - NXP Semiconductors 74LVT162373DGG Datasheet HTML 5Page - NXP Semiconductors 74LVT162373DGG Datasheet HTML 6Page - NXP Semiconductors 74LVT162373DGG Datasheet HTML 7Page - NXP Semiconductors 74LVT162373DGG Datasheet HTML 8Page - NXP Semiconductors 74LVT162373DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Philips
Semiconductors
74LVT162373
3.3 V LVT 16-bit transparent D-type latch
with 30
Ω termination resistors (3-State)
Product specification
IC23 Data Handbook
1999 Sep 23
INTEGRATED CIRCUITS


Número de pieza similar - 74LVT162373DGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74LVT162373DGG NEXPERIA-74LVT162373DGG Datasheet
216Kb / 13P
   3.3 V 16-bit transparent D-type latch with 30 Ω termination resistors; 3-state
Rev. 2 - 1 October 2018
More results

Descripción similar - 74LVT162373DGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74LVT162373 NEXPERIA-74LVT162373 Datasheet
216Kb / 13P
   3.3 V 16-bit transparent D-type latch with 30 Ω termination resistors; 3-state
Rev. 2 - 1 October 2018
logo
NXP Semiconductors
74LVT16373A PHILIPS-74LVT16373A Datasheet
86Kb / 10P
   3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT16373A NEXPERIA-74LVT16373A Datasheet
228Kb / 13P
   3.3 V 16-bit transparent D-type latch; 3-state
Rev. 4 - 3 August 2021
logo
NXP Semiconductors
74LVC162373A PHILIPS-74LVC162373A Datasheet
88Kb / 17P
   16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
2004 Feb 05
74LVT162374 PHILIPS-74LVT162374 Datasheet
120Kb / 12P
   3.3V LVT 16-bit edge-triggered D-type flip-flop with 30 ohm termination resistors 3-State
Rev. 03-17 January 2005
74ALVCH16373 PHILIPS-74ALVCH16373_15 Datasheet
128Kb / 18P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 6-10 July 2012
logo
Nexperia B.V. All right...
74ALVCH16373 NEXPERIA-74ALVCH16373 Datasheet
238Kb / 14P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 8 - 22 November 2021
logo
NXP Semiconductors
74LVT162374 PHILIPS-74LVT162374 Datasheet
91Kb / 17P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 OHM termination resistors; 3-state
Rev. 03-17 January 2005
logo
Texas Instruments
SN74LVTH162373-EP TI1-SN74LVTH162373-EP Datasheet
285Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74LVT162245B NEXPERIA-74LVT162245B Datasheet
223Kb / 11P
   3.3 V 16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 6 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com