Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DMF5010NB-FW Datasheet(PDF) 8 Page - OPTREX CORPORATION |
|
DMF5010NB-FW Datasheet(HTML) 8 Page - OPTREX CORPORATION |
8 / 17 page DMF5010NB-FW (AA) No.2000-0151 OPTREX CORPORATION Page 8/17 OPTREX 3.3.Definition of Viewing Angle and Optimum Viewing Area ・Point ● shows the point where contrast ratio is measured. : θ= 0 ゚, φ=-゚ ・Driving condition : 1/64 Duty, 1/9 Bias, VD=12.9V, fF=70Hz ・Area shows typ. CR≧2 3.4.System Block Diagram 270 ゚ 0 ゚ 90 ゚ 180 ゚ 270 ゚ θ φ 135 ゚ 315 ゚ 225 ゚ 45 ゚ 180 ゚ 90 ゚ (φ= 0 ゚) φ 10 20 30 40 50 θ φ Halogen bulb Computer Rotation Table (θ,φ) Temperature Chamber LCD Optical Fiber Waveform Generator Control Unit & #1980A WB Photometer θ |
Número de pieza similar - DMF5010NB-FW |
|
Descripción similar - DMF5010NB-FW |