|
| LM317L |
|
||
|
TI |
|
6 page
LM317L 3TERMINAL ADJUSTABLE REGULATOR SLCS144 − JULY 2004 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION 500 Ω VO 47 µF 1N4002 120 Ω 10 µF‡ 10 µF 5 k Ω 22 Ω 5 k Ω 2N2905 TIP73 VI RL† LM317L Adjustment Output Input † Minimum load current is 30 mA. ‡ Optional capacitor improves ripple rejection. Figure 9. High-Current Adjustable Regulator |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NTE1900 | Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator | 1 2 | NTE Electronics |
| LR8 | High Input Voltage Adjustable 3-Terminal Linear Regulator | 1 2 3 4 5 More | Supertex, Inc |
| KA317M | 3-Terminal 0.5A Positive Adjustable Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| M5237L | 3-TERMINAL ADJUSTABLE REGULATOR | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| TS317CP | 3-Terminal Adjustable Output Positive Voltage Regulator | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| LM317M | 3-TERMINAL ADJUSTABLE REGULATOR | 1 2 3 4 5 More | Texas Instruments |
| KA337 | 3-Terminal 1.5A Negative Adjustable Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| KA350 | 3-Terminal 3A Positive Adjustable Voltage Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| LM317 | 3-TERMINAL 1A POSTIVE ADJUSTABLE REGULATOR | 1 2 3 | List of Unclassifed Manufacturers |
| KA317AHV | 3-Terminal Positive Adjustable Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |