Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT16500ADGG Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74LVT16500ADGG
Descripción Electrónicos  3.3V 18-bit universal bus transceiver 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16500ADGG Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVT16500ADGG Datasheet HTML 5Page - NXP Semiconductors 74LVT16500ADGG Datasheet HTML 6Page - NXP Semiconductors 74LVT16500ADGG Datasheet HTML 7Page - NXP Semiconductors 74LVT16500ADGG Datasheet HTML 8Page - NXP Semiconductors 74LVT16500ADGG Datasheet HTML 9Page - NXP Semiconductors 74LVT16500ADGG Datasheet HTML 10Page - NXP Semiconductors 74LVT16500ADGG Datasheet HTML 11Page - NXP Semiconductors 74LVT16500ADGG Datasheet HTML 12Page - NXP Semiconductors 74LVT16500ADGG Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
74LVT16500A
3.3V 18-bit universal bus transceiver (3-State)
1998 Feb 19
9
AC WAVEFORMS
VM = 1.5V, VIN = GND to 2.7V
tPHL
tPLH
VM
VOH
tW(L)
1/fMAX
CPBA or
CPAB
An or Bn
tW(H)
SW00038
VM
VM
VM
VOL
2.7V
0V
Waveform 1. Propagation Delay, Clock Input to Output, Clock
Pulse Width, and Maximum Clock Frequency
VOL
tPLH
VOH
2.7V
0V
An or Bn
An or Bn
VM
VM
tPHL
VM
VM
SW00029
Waveform 2. Propagation Delay, Transparent Mode
tPLH
tPHL
tW(H)
VM
VM
VM
VM
VM
LEAB or
LEBA
An or Bn
2.7V
0V
VOH
VOL
SW00030
Waveform 3. Propagation Delay, Enable to Output, and Enable
Pulse Width
VM
VM
VM
VM
VM
VM
3.0V or VCC
whichever is
less
0V
nAx, nBx
CEAB
CEBA
LEAB
or
LEBA
tS(H)
th(H)
tS(L)
th(L)
0V
SW00039
CPAB or
CPBA
3.0V or VCC
whichever is
less
Waveform 4. Data Setup and Hold Times
OEBA
OEAB
An or Bn
tPZH
tPHZ
2.7V
VOH
VOH –0.3V
VM
VM
VM
SW00032
0V
Waveform 5. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
VOL
OEBA
OEAB
tPZL
tPLZ
2.7V
0V
An or Bn
VOL +0.3V
3V
VM
VM
VM
SW00033
Waveform 6. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level


Número de pieza similar - 74LVT16500ADGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT16500ADGG PHILIPS-74LVT16500ADGG Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
logo
Nexperia B.V. All right...
74LVT16500ADGG NEXPERIA-74LVT16500ADGG Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
More results

Descripción similar - 74LVT16500ADGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT16501A PHILIPS-74LVT16501A Datasheet
88Kb / 14P
   3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
74ALVT16501 PHILIPS-74ALVT16501 Datasheet
102Kb / 16P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16600 PHILIPS-74ALVT16600 Datasheet
97Kb / 14P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com