Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STB11NM60FD Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza STB11NM60FD
Descripción Electrónicos  N-channel 600V - 0.40OHM - 11A - TO-220/TO-220FP/D2PAK/I2PAK FDmesh TM Power MOSFET (with fast diode)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB11NM60FD Datasheet(HTML) 5 Page - STMicroelectronics

  STB11NM60FD Datasheet HTML 1Page - STMicroelectronics STB11NM60FD Datasheet HTML 2Page - STMicroelectronics STB11NM60FD Datasheet HTML 3Page - STMicroelectronics STB11NM60FD Datasheet HTML 4Page - STMicroelectronics STB11NM60FD Datasheet HTML 5Page - STMicroelectronics STB11NM60FD Datasheet HTML 6Page - STMicroelectronics STB11NM60FD Datasheet HTML 7Page - STMicroelectronics STB11NM60FD Datasheet HTML 8Page - STMicroelectronics STB11NM60FD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STB11NM60FD - STB11NM60FD-1 - STP11NM60FD - STP11NM60FDFP
Electrical characteristics
5/17
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD = 250V, ID = 5.5A
RG =4.7Ω VGS = 10V
(see Figure 14)
20
16
ns
ns
tr(Voff)
tf
tc
Off-voltage rise time
Fall time
Cross-over time
VDD = 400V, ID = 11A,
RG =4.7Ω, VGS = 10V
(see Figure 16)
10
15
24
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
ISD
Source-drain current
11
A
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current (pulsed)
44
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Forward on voltage
ISD = 11A, VGS = 0
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 11A, VDD = 50V
di/dt = 100A/µs,
(see Figure 19)
140
680
A
ns
nC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 11A, VDD = 50V
di/dt = 100A/µs,
Tj=150°C
(see Figure 19)
260
1600
13
ns
nC
A


Número de pieza similar - STB11NM60FD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STB11NM60FD STMICROELECTRONICS-STB11NM60FD Datasheet
357Kb / 16P
   N-channel 30V - 0.014ohm - 45A TO-220 - TO-220FP - D2PAK STripFET II power MOSFET
logo
Inchange Semiconductor ...
STB11NM60FD ISC-STB11NM60FD Datasheet
315Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STB11NM60FD VBSEMI-STB11NM60FD Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
STMicroelectronics
STB11NM60FD-1 STMICROELECTRONICS-STB11NM60FD-1 Datasheet
357Kb / 16P
   N-channel 30V - 0.014ohm - 45A TO-220 - TO-220FP - D2PAK STripFET II power MOSFET
logo
Inchange Semiconductor ...
STB11NM60FD-1 ISC-STB11NM60FD-1 Datasheet
355Kb / 3P
   Isc N-Channel MOSFET Transistor
More results

Descripción similar - STB11NM60FD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STP11NM60 STMICROELECTRONICS-STP11NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 0.4ohm-11A TO-220/TO-220FP/D2PAK/I2PAK MDmesh?줡ower MOSFET
STF20NM50D STMICROELECTRONICS-STF20NM50D Datasheet
494Kb / 11P
   N-CHANNEL 500V - 0.22W - 20A TO-220/TO-220FP/D2PAK FDmesh??Power MOSFET (with FAST DIODE)
STP11NM60A STMICROELECTRONICS-STP11NM60A Datasheet
367Kb / 11P
   N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh?줡ower MOSFET
STF30NM60ND STMICROELECTRONICS-STF30NM60ND Datasheet
289Kb / 15P
   N-channel 600V - 0.11廓 - 25A TO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??II Power MOSFET (with fast diode)
STP20NM60FD STMICROELECTRONICS-STP20NM60FD Datasheet
341Kb / 15P
   N-CHANNEL 600V - 0.26ohm - 20A TO-220-TO-220FP-TO-247 FDmesh POWER MOSFET (with FAST DIODE)
STX30NM60ND STMICROELECTRONICS-STX30NM60ND Datasheet
798Kb / 18P
   N-channel 600 V, 0.11 廓, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD_07 Datasheet
424Kb / 18P
   N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH??IGBT
STB12NM50ND STMICROELECTRONICS-STB12NM50ND_09 Datasheet
1Mb / 16P
   N-channel 500V, 0.29 OHM, 11A, FDmesh II Power MOSFET (with fast diode) in D2PAK, DPAK, TO-220FP
STP12NM50FD STMICROELECTRONICS-STP12NM50FD Datasheet
649Kb / 14P
   N-CHANNEL500V-0.32ohm-12ATO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??Power MOSFET with FAST DIODE
STD11NM60ND STMICROELECTRONICS-STD11NM60ND Datasheet
530Kb / 18P
   N-channel 600V - 0.37廓 - 10A - FDmesh??II Power MOSFET I2PAK, TO-220, TO-220FP, IPAK, DPAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com