Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC145481 Datasheet(PDF) 2 Page - Motorola, Inc

No. de pieza MC145481
Descripción Electrónicos  3V PCM CODEC-FILTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145481 Datasheet(HTML) 2 Page - Motorola, Inc

  MC145481 Datasheet HTML 1Page - Motorola, Inc MC145481 Datasheet HTML 2Page - Motorola, Inc MC145481 Datasheet HTML 3Page - Motorola, Inc MC145481 Datasheet HTML 4Page - Motorola, Inc MC145481 Datasheet HTML 5Page - Motorola, Inc MC145481 Datasheet HTML 6Page - Motorola, Inc MC145481 Datasheet HTML 7Page - Motorola, Inc MC145481 Datasheet HTML 8Page - Motorola, Inc MC145481 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
MC145481
MOTOROLA
2
FREQ
FREQ
RO –
PI
PO –
PO +
VDD
VSS
VAG
TG
TI –
TI +
+
– 1
1
+
SHARED
DAC
DAC
0.886 V
REF
ADC
TRANSMIT
SHIFT
REGISTER
SEQUENCE
AND
CONTROL
DR
FSR
BCLKR
Mu/A
PDI
MCLK
BCLKT
FST
DT
RECEIVE
SHIFT
REGISTER
VAG Ref
VDD
VSS
R*
R*
Figure 1. MC145481 3 V PCM Codec–Filter Block Diagram
DEVICE DESCRIPTION
A PCM Codec–Filter is used for digitizing and reconstruct-
ing the human voice. These devices are used primarily for
the telephone network to facilitate voice switching and trans-
mission. Once the voice is digitized, it may be switched by
digital switching methods or transmitted long distance (T1,
microwave, satellites, etc.) without degradation. The name
codec is an acronym from ‘‘COder’’ for the analog–to–digital
converter (ADC) used to digitize voice, and ‘‘DECoder’’ for
the digital–to–analog converter (DAC) used for reconstruct-
ing voice. A codec is a single device that does both the ADC
and DAC conversions.
To digitize intelligible voice requires a signal–to–distortion
ratio of about 30 dB over a dynamic range of about 40 dB.
This may be accomplished with a linear 13–bit ADC and
DAC, but will far exceed the required signal–to–distortion
ratio at larger amplitudes than 40 dB below the peak ampli-
tude. This excess performance is at the expense of data per
sample. Two methods of data reduction are implemented by
compressing the 13–bit linear scheme to companded
pseudo–logarithmic 8–bit schemes. The two companding
schemes are: Mu–255 Law, primarily in North America and
Japan; and A–Law, primarily used in Europe. These com-
panding schemes are accepted world wide. These compand-
ing schemes follow a segmented or ‘‘piecewise–linear’’ curve
formatted as sign bit, three chord bits, and four step bits. For
a given chord, all sixteen of the steps have the same voltage
weighting. As the voltage of the analog input increases, the
four step bits increment and carry to the three chord bits
which increment. When the chord bits increment, the step
bits double their voltage weighting. This results in an effec-
tive resolution of six bits (sign + chord + four step bits) across
a 42 dB dynamic range (seven chords above 0, by 6 dB per
chord).
In a sampling environment, Nyquist theory says that to
properly sample a continuous signal, it must be sampled at a
frequency higher than twice the signal’s highest frequency
component. Voice contains spectral energy above 3 kHz, but
its absence is not detrimental to intelligibility. To reduce the
digital data rate, which is proportional to the sampling rate, a
sample rate of 8 kHz was adopted, consistent with a band-
width of 3 kHz. This sampling requires a low–pass filter to
limit the high frequency energy above 3 kHz from distorting
the in–band signal. The telephone line is also subject to
50/60 Hz power line coupling, which must be attenuated
from the signal by a high–pass filter before the analog–to–
digital converter.
The digital–to–analog conversion process reconstructs a
staircase version of the desired in–band signal, which has
spectral images of the in–band signal modulated about the
sample frequency and its harmonics. These spectral images
are called aliasing components, which need to be attenuated
to obtain the desired signal. The low–pass filter used to at-
tenuate these aliasing components is typically called a re-
construction or smoothing filter.
The MC145481 PCM Codec–Filter has the codec, both
presampling and reconstruction filters, and a precision volt-
age reference on–chip.


Número de pieza similar - MC145481

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145480DW MOTOROLA-MC145480DW Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145480P MOTOROLA-MC145480P Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145480VF MOTOROLA-MC145480VF Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
More results

Descripción similar - MC145481

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC145483 MOTOROLA-MC145483 Datasheet
220Kb / 19P
   3V 13-BIT LINEAR PCM CODEC-FILTER
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com