Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC145484 Datasheet(PDF) 6 Page - Motorola, Inc

No. de pieza MC145484
Descripción Electrónicos  5V PCM CODEC-FILTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145484 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC145484 Datasheet HTML 2Page - Motorola, Inc MC145484 Datasheet HTML 3Page - Motorola, Inc MC145484 Datasheet HTML 4Page - Motorola, Inc MC145484 Datasheet HTML 5Page - Motorola, Inc MC145484 Datasheet HTML 6Page - Motorola, Inc MC145484 Datasheet HTML 7Page - Motorola, Inc MC145484 Datasheet HTML 8Page - Motorola, Inc MC145484 Datasheet HTML 9Page - Motorola, Inc MC145484 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MC145484
MOTOROLA
6
Table 1. PCM Codes for Zero and Full Scale
Ll
Mu–Law
A–Law
Level
Sign Bit
Chord Bits
Step Bits
Sign Bit
Chord Bits
Step Bits
+ Full Scale
1
0 0 0
0 0 0 0
1
0 1 0
1 0 1 0
+ Zero
1
1 1 1
1 1 1 1
1
1 0 1
0 1 0 1
– Zero
0
1 1 1
1 1 1 1
0
1 0 1
0 1 0 1
– Full Scale
0
0 0 0
0 0 0 0
0
0 1 0
1 0 1 0
Table 2. PCM Codes for Digital mW
Ph
Mu–Law
A–Law
Phase
Sign Bit
Chord Bits
Step Bits
Sign Bit
Chord Bits
Step Bits
π/8
0
0 0 1
1 1 1 0
0
0 1 1
0 1 0 0
3
π/8
0
0 0 0
1 0 1 1
0
0 1 0
0 0 0 1
5
π/8
0
0 0 0
1 0 1 1
0
0 1 0
0 0 0 1
7
π/8
0
0 0 1
1 1 1 0
0
0 1 1
0 1 0 0
9
π/8
1
0 0 1
1 1 1 0
1
0 1 1
0 1 0 0
11
π/8
1
0 0 0
1 0 1 1
1
0 1 0
0 0 0 1
13
π/8
1
0 0 0
1 0 1 1
1
0 1 0
0 0 0 1
15
π/8
1
0 0 1
1 1 1 0
1
0 1 1
0 1 0 0


Número de pieza similar - MC145484

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
MC145484 NXP-MC145484 Datasheet
759Kb / 40P
   Universal Digital Loop Transceiver (UDLT-3) Evaluation Module
Rev. 3, 2/2002
More results

Descripción similar - MC145484

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com