Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3513DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3513DR
Descripción Electrónicos  PC POWER SUPPLY SUPERVISORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS3513DR Datasheet(HTML) 5 Page - Texas Instruments

  TPS3513DR Datasheet HTML 1Page - Texas Instruments TPS3513DR Datasheet HTML 2Page - Texas Instruments TPS3513DR Datasheet HTML 3Page - Texas Instruments TPS3513DR Datasheet HTML 4Page - Texas Instruments TPS3513DR Datasheet HTML 5Page - Texas Instruments TPS3513DR Datasheet HTML 6Page - Texas Instruments TPS3513DR Datasheet HTML 7Page - Texas Instruments TPS3513DR Datasheet HTML 8Page - Texas Instruments TPS3513DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TPS3513
PC POWER SUPPLY SUPERVISORS
SLVS313 – FEBRUARY 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
FPO
3
O
Inverted fault protection output, open-drain, output stage
GND
2
Ground
IS12
5
I
12-V overcurrent protection
IS5
8
I
5-V overcurrent protection
IS33
9
I
3.3-V overcurrent protection
NC
7
No internal connection
PGI
1
I
Power-good input
PGO
14
O
Power-good output, open drain output stage
PSON
4
I
On/off control
RI
6
I
Current sense setting
VDD
13
I
Supply voltage
VS12
10
I
12-V overvoltage/undervoltage protection
VS33
11
I
3.3-V overvoltage protect/undervoltage detect
VS5
12
I
5-V overvoltage protect/undervoltage detect
detailed description
power-good and power-good delay
A PC power supply is commonly designed to provide a power-good signal, which is defined by the computer
manufacturers. PGO is a power-good signal and should be asserted high by the PC power supply to indicate
that the 5-VDC and 3.3-VDC outputs are above the undervoltage threshold limit. At this time the converter
should be able to provide enough power to assure continuous operation within the specification. Conversely,
when either the 5-VDC or the 3.3-VDC output voltages fall below the undervoltage threshold, or when main
power has been removed for a sufficiently long time so that power supply operation is no longer assured, PGO
should be deasserted to a low state.
The power-good (PGO), DC enable (PSON), and the 5-V/3.3-V supply rails are shown in Figure 3.
t2
t3
t5
t4
5-V/3.3-V
Output
PSON
PGO
On
Off
75%
10%
Figure 3. Timing of PSON and PGO
Although there is no requirement to meet specific timing parameters, the following signal timings are
recommended:
2 ms
≤ t2 ≤ 20 ms, 100 ms < t3 < 2000 ms, t4 > 1 ms, t5 ≤ 10 ms


Número de pieza similar - TPS3513DR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3513DR TI1-TPS3513DR Datasheet
564Kb / 20P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3513DRG4 TI1-TPS3513DRG4 Datasheet
564Kb / 20P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results

Descripción similar - TPS3513DR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3525 UTC-S3525 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
LP7510 TI-LP7510 Datasheet
2Mb / 12P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com