Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3513N Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3513N
Descripción Electrónicos  PC POWER SUPPLY SUPERVISORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS3513N Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS3513N Datasheet HTML 5Page - Texas Instruments TPS3513N Datasheet HTML 6Page - Texas Instruments TPS3513N Datasheet HTML 7Page - Texas Instruments TPS3513N Datasheet HTML 8Page - Texas Instruments TPS3513N Datasheet HTML 9Page - Texas Instruments TPS3513N Datasheet HTML 10Page - Texas Instruments TPS3513N Datasheet HTML 11Page - Texas Instruments TPS3513N Datasheet HTML 12Page - Texas Instruments TPS3513N Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TPS3513
PC POWER SUPPLY SUPERVISORS
SLVS313 – FEBRUARY 2001
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
PGI and PGO
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
Input threshold voltage
PGI1
1.10
1.15
1.20
V
VIT(PGI) Input threshold voltage
PGI2
0.9
0.95
1
V
VS33
2
2.2
2.4
Undervoltage threshold
VS5
3.3
3.5
3.7
V
Undervoltage threshold
VS12
8.5
9
9.5
V
Input offset voltage for OCP comparators
–5
5
mV
Ilkg
Leakage current (PGO)
PGO = 5 V
5
µA
VOL
Low-level output voltage (PGO)
I(sink) = 10 mA, VDD = 4.5 V
0.4
V
Short-circuit protection delay
3.3 V, 5 V
49
75
114
ms
t
Delay time
PGI to PGO
V5 V
200
300
450
ms
td(1)
Delay time
PGI to FPO
VDD = 5 V
3.2
4.8
7.2
ms
PGI to PGO
Noise deglitch time
PGI to FPO
VDD = 5 V
88
150
225
µs
Noise deglitch time
12-V UVP to FPO
VDD 5 V
88
150
225
µs
PSON control
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
II
Input pullup current
PSON = 0 V
–120
µA
VIH
High-level input voltage
2.4
V
VIL
Low-level input voltage
1.2
V
t(b)
Debounce time (PSON)
VDD = 5 V
24
38
57
ms
td(2)
Delay time (PSON to FPO)
VDD = 5 V
tb+1.1
tb+2.3
tb+4
ms
total device
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Supply current
PSON = 5 V
1
mA


Número de pieza similar - TPS3513N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3513N TI1-TPS3513N Datasheet
564Kb / 20P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results

Descripción similar - TPS3513N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3525 UTC-S3525 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
LP7510 TI-LP7510 Datasheet
2Mb / 12P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com