Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74AC353D Datasheet(PDF) 7 Page - Motorola, Inc

No. de pieza MC74AC353D
Descripción Electrónicos  DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74AC353D Datasheet(HTML) 7 Page - Motorola, Inc

  MC74AC353D Datasheet HTML 1Page - Motorola, Inc MC74AC353D Datasheet HTML 2Page - Motorola, Inc MC74AC353D Datasheet HTML 3Page - Motorola, Inc MC74AC353D Datasheet HTML 4Page - Motorola, Inc MC74AC353D Datasheet HTML 5Page - Motorola, Inc MC74AC353D Datasheet HTML 6Page - Motorola, Inc MC74AC353D Datasheet HTML 7Page - Motorola, Inc MC74AC353D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC74AC353 MC74ACT353
5-7
FACT DATA
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
Sn to Zn
5.0
3.0
10.0
2.5
11.5
ns
3-6
tPLH
Sn to Zn
5.0
3.0
10.0
2.5
11.5
ns
3-6
tPHL
Propagation Delay
Sn to Zn
5.0
3.0
10.0
2.5
11.5
ns
3-6
tPHL
Sn to Zn
5.0
3.0
10.0
2.5
11.5
ns
3-6
tPLH
Propagation Delay
In to Zn
5.0
2.0
10.0
1.5
11.0
ns
3-6
tPLH
In to Zn
5.0
2.0
10.0
1.5
11.0
ns
3-6
tPHL
Propagation Delay
In to Zn
5.0
2.0
8.0
1.5
9.0
ns
3-6
tPHL
In to Zn
5.0
2.0
8.0
1.5
9.0
ns
3-6
tPZH
Output Enable Time, OEn to Zn
5.0
1.0
7.0
1.0
8.0
ns
3-7
tPZL
Output Enable Time
5.0
1.0
7.5
1.0
8.0
ns
3-8
tPHZ
Output Disable Time
5.0
1.0
9.0
1.0
10
ns
3-7
tPLZ
Output Disable Time
5.0
1.0
7.0
1.0
9.0
ns
3-8
* Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
50
pF
VCC = 5.0 V


Número de pieza similar - MC74AC353D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74AC350 MOTOROLA-MC74AC350 Datasheet
232Kb / 9P
   4-BIT SHIFTER WITH 3-STATE OUTPUTS
MC74AC350D MOTOROLA-MC74AC350D Datasheet
232Kb / 9P
   4-BIT SHIFTER WITH 3-STATE OUTPUTS
MC74AC350N MOTOROLA-MC74AC350N Datasheet
232Kb / 9P
   4-BIT SHIFTER WITH 3-STATE OUTPUTS
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74AC352 ONSEMI-MC74AC352 Datasheet
178Kb / 7P
   Dual 4?묲nput Multiplexer
June, 2006 ??Rev. 4
More results

Descripción similar - MC74AC353D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74AC253 FAIRCHILD-74AC253_00 Datasheet
102Kb / 9P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253_00 Datasheet
80Kb / 7P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS353 MOTOROLA-SN54LS353 Datasheet
192Kb / 6P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT253 AVG-DV74ACT253 Datasheet
321Kb / 4P
   Dual 4-Input Multiplexer with 3-State Outputs
logo
ON Semiconductor
MC74AC253 ONSEMI-MC74AC253_15 Datasheet
103Kb / 9P
   Dual 4-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_07 Datasheet
326Kb / 12P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253 Datasheet
58Kb / 6P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC5474F253 MOTOROLA-MC5474F253 Datasheet
69Kb / 3P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
SN54LS253 MOTOROLA-SN54LS253 Datasheet
166Kb / 5P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com