Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC7982A Datasheet(PDF) 10 Page - Sanyo Semicon Device

No. de pieza LC7982A
Descripción Electrónicos  LCD Dot Matrix Graphics Display Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7982A Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC7982A Datasheet HTML 6Page - Sanyo Semicon Device LC7982A Datasheet HTML 7Page - Sanyo Semicon Device LC7982A Datasheet HTML 8Page - Sanyo Semicon Device LC7982A Datasheet HTML 9Page - Sanyo Semicon Device LC7982A Datasheet HTML 10Page - Sanyo Semicon Device LC7982A Datasheet HTML 11Page - Sanyo Semicon Device LC7982A Datasheet HTML 12Page - Sanyo Semicon Device LC7982A Datasheet HTML 13Page - Sanyo Semicon Device LC7982A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
• Character count setting
In character display mode, HN specifies the number of characters displayed in the horizontal direction. In graphics
mode, HN specifies the number of bytes displayed in the horizontal direction. The total number of dots displayed on
the screen in the horizontal direction is given by the following formula.
n = HP
× H
N
HN can be set to an even number in the range 2 to 256 (decimal).
• Time division setting (display duty)
NX specifies the time division setting. That is, the display duty is set to 1/NX.
NX can be set to a value in the range 1 to 256 (decimal).
• Cursor position setting
In character display mode, CP specifies the line where the cursor is displayed. For example, if CP is set to 8 (decimal),
the cursor will be displayed under the character for a 5
× 7 font. The length of the cursor in the horizontal direction will
be equal to horizontal direction character pitch HP. While CP can be set to any value in the range 1 to 16 (decimal), if
it is set to a value less than or equal to the vertical direction character pitch VP (CP
≤ VP), the cursor display will take
priority when cursor display is enabled. Note that if CP > VP, the cursor will not be displayed. The length of the cursor
in the horizontal direction will be equal to HP.
• Display start position low-order address
• Display start position high-order address
These instructions together write the display start address value into the display start address register. The display start
address specifies the RAM address where the data to be displayed at the upper left of the screen is stored.
The start address is a 16-bit value formed from high-order and low-order bytes.
• Cursor address (low order) setting (RAM read/write low-order address)
No. 5946-10/18
LC7982A
Register
R/W
RS
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Instruction register
0
1
0
0
0
0
0
0
1
0
Character count register
0
0
(HN – 1) binary
Register
R/W
RS
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Instruction register
0
1
0
0
0
0
0
0
1
1
Duty register
0
0
(NX – 1) binary
Register
R/W
RS
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Instruction register
0
1
0
0
0
0
1
0
0
0
Display start address register
0
0
(Start address low-order byte) binary
(Low-order byte)
Register
R/W
RS
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Instruction register
0
1
0
0
0
0
1
0
0
1
Display start address register
0
0
(Start address high-order byte) binary
(High-order byte)
Register
R/W
RS
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Instruction register
0
1
0
0
0
0
1
0
1
0
Cursor address counter
0
0
(Cursor address low-order byte) binary
(Low-order byte)
Register
R/W
RS
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Instruction register
0
1
0
0
0
0
0
1
0
0
Cursor position register
0
0
0
0
0
0
(CP – 1) binary


Número de pieza similar - LC7982A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC7980 SANYO-LC7980 Datasheet
397Kb / 18P
   Controller for the LCD Dot Matrix Graphic Display
LC7981 SANYO-LC7981 Datasheet
386Kb / 19P
   Controller for the LC Dot Matrix Graphic Display?
LC7985 SANYO-LC7985 Datasheet
670Kb / 30P
   LCD Controller/Driver
LC7985NA SANYO-LC7985NA Datasheet
670Kb / 30P
   LCD Controller/Driver
LC7985ND SANYO-LC7985ND Datasheet
670Kb / 30P
   LCD Controller/Driver
More results

Descripción similar - LC7982A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
MSM6240 OKI-MSM6240 Datasheet
449Kb / 25P
   DOT MATRIX LCD CONTROLLER
MSM6255 OKI-MSM6255 Datasheet
485Kb / 39P
   DOT MATRIX LCD CONTROLLER
MSM9000B OKI-MSM9000B Datasheet
223Kb / 38P
   DOT MATRIX LCD CONTROLLER
logo
Sanyo Semicon Device
LC7980 SANYO-LC7980 Datasheet
397Kb / 18P
   Controller for the LCD Dot Matrix Graphic Display
DM0811 SANYO-DM0811 Datasheet
155Kb / 8P
   LCD Dot Matrix Display Module
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
logo
RAIO Technology Inc.
RA6963 RAIO-RA6963 Datasheet
1Mb / 46P
   Dot Matrix LCD Controller Specification
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
   DOT MATRIX LCD CONTROLLER/DRIVER
logo
RAIO Technology Inc.
RA8835 RAIO-RA8835 Datasheet
119Kb / 6P
   Dot Matrix LCD Controller Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com