Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM1229 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM1229
Descripción Electrónicos  I2C Compatible CMOS TV RGB and Deflection Processor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1229 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM1229 Datasheet HTML 1Page - National Semiconductor (TI) LM1229 Datasheet HTML 2Page - National Semiconductor (TI) LM1229 Datasheet HTML 3Page - National Semiconductor (TI) LM1229 Datasheet HTML 4Page - National Semiconductor (TI) LM1229 Datasheet HTML 5Page - National Semiconductor (TI) LM1229 Datasheet HTML 6Page - National Semiconductor (TI) LM1229 Datasheet HTML 7Page - National Semiconductor (TI) LM1229 Datasheet HTML 8Page - National Semiconductor (TI) LM1229 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
OSD Electrical Characteristics (Continued)
Unless otherwise noted: T
A = 25˚C, VCC = +5.0V. See (Note 7) for Min and Max parameters and (Note 6) for Typicals.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
BOTH MODES
I
LOW
Low input current (OSD and
Enable).
V
IN =0V
−3.0
µA
I
HIGH
High input current (OSD and
Enable).
V
IN =5V
.001
µA
SEP
10 kHz
Crosstalk from video @ 10 kHz.
See (Note 17).
−70
dB
SEP
10 MHz
Crosstalk from video @ 10 MHz.
See (Note 17).
−50
dB
DAC Output Electrical Characteristics
Unless otherwise noted: T
A = 25˚C, VCC = +5.0V, VIN = 0.7V, VABL =VCC,CL = 10 pF, Video Outputs = 2.4 VP-P. See (Note 7)
for Min and Max parameters and (Note 6) for Typicals. DAC parameters apply to all 3 DACs.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
DAC MIN
Minimum DAC output voltage
Register Value = 0x00
0.5
V
V
DAC MAX MODE 0
Maximum DAC output voltage (full
scale)
Register Value = 0xFF,
GLOBAL[5] = 0.
4.2
V
V
DAC MAX MODE 1
Maximum DAC output voltage (half
scale)
Register Value = 0xFF,
GLOBAL[5] = 1.
2.1
V
∆V
DAC TEMP
DAC output voltage variation with
temperature
0˚C < T < 70˚C ambient
0.5
mV/˚C
∆V
DAC VCC
DAC output voltage variation with
V
CC
4.75V
≤ V
CC
≤ 5.25V,
DAC register set to mid-range
(0x7F)
50
mV
Linearity
Linearity of DAC over its range
5
%
Monotonicity
Monotonicity of the DAC excluding
dead zones
−0.5
+0.5
LSB
I
MAX
Maximum DAC output load current
1.0
mA
Deflection Signal Characteristics
Unless otherwise noted: T
A = 25˚C, VCC = +5.0V, VIN = 0.7V, VABL =VCC,CL = 10 pF, See (Note 7) for Min and Max param-
eters and (Note 6) for Typicals.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
f
XTL
Ceramic resonator input frequency
12
MHz
V
HFB
Switching threshold for detecting
horizontal flyback on pin 18.
2.4
V
t
FW
Flyback Width
1
µs
V
VFB-DC
DC bias point of VFB input
1.25
V
V
VFB-SW
Switching threshold for detection
1.75
V
V
X-RAY
X-Ray Threshold Voltage
Above V
X-RAY the HDRIVE output is
disabled (high)
2.5
3.2
V
V
CCforXRAYRESET
X-Ray Reset
V
CC required to reset X-Ray
4
V
∆f
FR
Free-run frequency tolerance
(ceramic resonator tolerance)
±1%
f
CR
PLL capture range
±6%
t
HDPHASE
Horizontal phase control range
All scan frequencies
±25
%T
H
t
PARCOR
Maximum parallelogram correction
Measured at 31 kHz
±1µs
t
BOWCOR
Maximum pin balance (bow)
correction
Measured at 31 kHz
±0.5
µs
H
EHT−
HEHT phase shift left (R
EHT = 20k)
HEHT[3:0] = 0011b and V
20 = 1.5V
−2.7
%T
H
H
EHT+
HEHT phase shift right (R
EHT =
20k)
HEHT[3:0] = 0111b and V
20 = 3.5V
2.8
%T
H
V
HDOL
HDRIVE Max low level output
I
OL =10mA
0.7
V
www.national.com
5


Número de pieza similar - LM1229

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM1229 TI1-LM1229 Datasheet
2Mb / 28P
[Old version datasheet]   Compatible CMOS TV RGB and Deflection Processor
More results

Descripción similar - LM1229

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM1229 TI1-LM1229 Datasheet
2Mb / 28P
[Old version datasheet]   Compatible CMOS TV RGB and Deflection Processor
logo
STMicroelectronics
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2102 STMICROELECTRONICS-STV2102 Datasheet
370Kb / 12P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2000 STMICROELECTRONICS-STV2000 Datasheet
265Kb / 38P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
logo
Micronas
SDA9380-B21 MICRONAS-SDA9380-B21 Datasheet
403Kb / 72P
   EDDC Enhanced Deflection Controller and RGB Processor
logo
Hitachi Semiconductor
HA11423 HITACHI-HA11423 Datasheet
52Kb / 2P
   Color TV Deflection Signal Processor
logo
Toshiba Semiconductor
TA1317ANG TOSHIBA-TA1317ANG Datasheet
1Mb / 59P
   Deflection Processor IC for TV
TA1317AFG TOSHIBA-TA1317AFG Datasheet
1Mb / 58P
   Deflection Processor IC for TV
logo
Sony Corporation
CXA2025AS SONY-CXA2025AS Datasheet
414Kb / 37P
   Y/C/RGB/Sync/Deflection for Color TV
CXA2095S SONY-CXA2095S Datasheet
428Kb / 40P
   Y/C/RGB/Sync/Deflection for Color TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com