Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9380 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD9380
Descripción Electrónicos  Analog/HDMI Dual-Display Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9380 Datasheet(HTML) 3 Page - Analog Devices

  AD9380 Datasheet HTML 1Page - Analog Devices AD9380 Datasheet HTML 2Page - Analog Devices AD9380 Datasheet HTML 3Page - Analog Devices AD9380 Datasheet HTML 4Page - Analog Devices AD9380 Datasheet HTML 5Page - Analog Devices AD9380 Datasheet HTML 6Page - Analog Devices AD9380 Datasheet HTML 7Page - Analog Devices AD9380 Datasheet HTML 8Page - Analog Devices AD9380 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
AD9380
Rev. 0 | Page 3 of 60
SPECIFICATIONS
ANALOG INTERFACE ELECTRICAL CHARACTERISTICS
VDD, VD = 3.3 V, DVDD = PVDD = 1.8 V, ADC clock = maximum.
Table 1.
AD9380KSTZ-100
AD9380KSTZ-150
Parameter
Temp
Test Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
8
8
Bits
DC ACCURACY
Differential Nonlinearity
25°C
I
−0.6
+1.6/−1.0
±0.7
+1.8/−1.0
LSB
Integral Nonlinearity
25°C
I
±1.0
±2.1
±1.1
±2.25
LSB
No Missing Codes
Full
I
Guaranteed
Guaranteed
VDD
ANALOG INPUT
Input Voltage Range
Minimum
Full
VI
0.5
0.5
V p–p
Maximum
Full
VI
1.0
1.0
V p–p
Gain Tempco
25°C
V
100
220
ppm/°C
Input Bias Current
25°C
V
0.2
1
μA
Input Full-Scale Matching
25°C
Full
VI
VI
1.25
1.50
5
7
1.25
1.50
5
7
%FS
%FS
Offset Adjustment Range
Full
V
50
50
%FS
SWITCHING PERFORMANCE1
Maximum Conversion Rate
Full
VI
100
150
MSPS
Minimum Conversion Rate
Full
VI
10
10
MSPS
Data-to-Clock Skew
Full
IV
−0.5
+2.0
−0.5
+2.0
ns
SERIAL PORT TIMING
tBUFF
Full
VI
4.7
4.7
μs
tSTAH
Full
VI
4.0
4.0
μs
tDHO
Full
VI
0
0
μs
tDAL
Full
VI
4.7
4.7
μs
tDAH
Full
VI
4.0
4.0
μs
tDSU
Full
VI
250
250
ns
tSTASU
Full
VI
4.7
4.7
μs
tSTOSU
Full
VI
4.0
4.0
μs
HSYNC Input Frequency
Full
VI
15
110
15
110
kHz
Maximum PLL Clock Rate
Full
VI
100
150
MHz
Minimum PLL Clock Rate
Full
IV
12
12
MHz
PLL Jitter
25°C
IV
700
700
ps p-p
Sampling Phase Tempco
Full
IV
15
15
ps/°C
DIGITAL INPUTS, 5 V TOLERANT
Input Voltage, High (VIH)
Full
VI
2.6
2.6
V
Input Voltage, Low (VIL)
Full
VI
0.8
0.8
V
Input Current, High (IIH)
Full
V
−82
−82
μA
Input Current, Low (IIL)
Full
V
82
82
μA
Input Capacitance
25°C
V
3
3
pF
DIGITAL OUTPUTS
Output Voltage, High (VOH)
Full
VI
VDD − 0.1
VDD − 0.1
V
Output Voltage, Low (VOL)
Full
VI
0.4
0.4
V
Duty Cycle, DATACK
Full
V
45
50
55
45
50
55
%
Output Coding
Binary
Binary


Número de pieza similar - AD9380

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9380 AD-AD9380_15 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
More results

Descripción similar - AD9380

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9380 AD-AD9380_15 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9880 AD-AD9880 Datasheet
1Mb / 64P
   Analog/HDMI Dual Display Interface
REV. 0
AD9381 AD-AD9381 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398_15 Datasheet
886Kb / 44P
   HDMI Display Interface
REV. 0
AD9381 AD-AD9381_15 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398 Datasheet
886Kb / 44P
   HDMI??Display Interface
REV. 0
AD9396 AD-AD9396 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9396 AD-AD9396_15 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9393 AD-AD9393 Datasheet
797Kb / 40P
   Low Power HDMI Display Interface
REV. 0
logo
List of Unclassifed Man...
41727001X2X-3 ETC2-41727001X2X-3 Datasheet
673Kb / 37P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com