Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1986ABSTZ-REEL Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD1986ABSTZ-REEL
Descripción Electrónicos  AC ??7 and HD Audio SoundMAX Codec
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1986ABSTZ-REEL Datasheet HTML 4Page - Analog Devices AD1986ABSTZ-REEL Datasheet HTML 5Page - Analog Devices AD1986ABSTZ-REEL Datasheet HTML 6Page - Analog Devices AD1986ABSTZ-REEL Datasheet HTML 7Page - Analog Devices AD1986ABSTZ-REEL Datasheet HTML 8Page - Analog Devices AD1986ABSTZ-REEL Datasheet HTML 9Page - Analog Devices AD1986ABSTZ-REEL Datasheet HTML 10Page - Analog Devices AD1986ABSTZ-REEL Datasheet HTML 11Page - Analog Devices AD1986ABSTZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
AD1986A
Rev. 0 | Page 8 of 56
Table 11. Power Supply (Quiescent State)
Parameter
Min
Typ
Max
Unit
Power Supply Range—Analog (AVDD) ± 10%
4.5
5.5
V
Power Supply Range—Digital (DVDD) ± 10%
2.97
3.63
V
Power Dissipation—Analog (AVDD)/Digital (DVDD)
365/171.6
mW
Analog Supply Current—Analog (AVDD)
62.0
mA
Digital Supply Current—Digital (DVDD)
53.2
mA
Power Supply Rejection (100 mV p–p Signal @ 1 kHz)
40
dB
Table 12. Power-Down States—AC ’97 (Quiescent State)
Parameter
Set Bits
AVDD Typ
DVDD Typ
Unit
ADC
PR0
53.0
45.7
mA
FRONT DAC
PR1
53.7
47.7
mA
CENTER DAC
PRI
62.0
53.2
mA
SURROUND DAC
PRJ
53.5
47.1
mA
LFE DAC
PRK
62.0
52.8
mA
ADC + ALL DACs
PR1, PR0, PRI, PRJ, PRK
27.0
14.5
mA
Mixer
PR2
36.6
53.2
mA
ADC + Mixer
PR2, PR0
27.6
45.7
mA
ALL DACs + Mixer
PR2, PR1, PRI, PRJ, PRK
12.6
33.0
mA
ADC + ALL DACs + Mixer
PR2, PR1, PR0, PRI, PRJ, PRK
2.4
14.5
mA
Standby
PR5, PR4, PR3, PR2, PR1(IJK), PR0
0.0
0.05
mA
Headphone Standby
PR6
55.0
53.2
mA
LINE_OUT HP Standby
LOHPEN = 0
62.0
53.2
mA
Table 13. Clock Specifications
Parameter
Min
Typ
Max
Unit
Input Clock Frequency (Reference Clock Mode)
14.31818
48.000
MHz
MHz
Recommended Clock Duty Cycle
40
50
60
%


Número de pieza similar - AD1986ABSTZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
   AC 97 and HD Audio SoundMAX Codec
REV. 0
More results

Descripción similar - AD1986ABSTZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
   AC 97 and HD Audio SoundMAX Codec
REV. 0
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1881A AD-AD1881A Datasheet
261Kb / 26P
   AC??7 SoundMAX Codec
REV. 0
AD1980 AD-AD1980 Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
   AC ??7 SoundMAX CODEC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com