Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1986AJCPZ Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD1986AJCPZ
Descripción Electrónicos  AC ??7 and HD Audio SoundMAX Codec
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1986AJCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD1986AJCPZ Datasheet HTML 1Page - Analog Devices AD1986AJCPZ Datasheet HTML 2Page - Analog Devices AD1986AJCPZ Datasheet HTML 3Page - Analog Devices AD1986AJCPZ Datasheet HTML 4Page - Analog Devices AD1986AJCPZ Datasheet HTML 5Page - Analog Devices AD1986AJCPZ Datasheet HTML 6Page - Analog Devices AD1986AJCPZ Datasheet HTML 7Page - Analog Devices AD1986AJCPZ Datasheet HTML 8Page - Analog Devices AD1986AJCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
AD1986A
Rev. 0 | Page 5 of 56
SPECIFICATIONS
Test conditions, unless otherwise noted.
Table 1.
Parameter
Typ
Unit
Temperature
25
°C
Digital Supply (DVDD)
3.3 ± 10%
V
Analog Supply (AVDD)
5.0 ± 10%
V
Sample Rate (FS)
48
kHz
Input Signal
1.0
kHz
Analog Output Pass Band
20 Hz–20 kHz
VIH
2.0
V
VIL
0.8
V
VIH
2.4
V
VIL
0.6
V
DAC Test Conditions
Calibrated
Output −3 dB Relative to Full Scale
10 kΩ Output Load: Line (Surround), Mono
32 Ω Output Load: Headphone
2 kΩ Output Load: Center, LFE
ADC Test Conditions
Calibrated
0 dB PGA Gain
Input −3.0 dB Relative to Full Scale
Table 2. Analog Input
Input Voltage
Min
Typ
Max
Unit
MIC_1/2, LINE_IN, CD, AUX, PHONE_IN (No Preamp)
1
Vrms1
C/LFE and SURROUND (When Used as Inputs)
2.83
V p-p
MIC_1/2, LINE_IN, C/LFE With 30 dB Preamp
0.032
Vrms
0.089
V p-p
MIC_1/2, LINE_IN, C/LFE With 20 dB Preamp
0.1
Vrms
0.283
V p-p
MIC_1/2, LINE_IN, C/LFE With 10 dB Preamp
0.316
Vrms
0.894
V p-p
Input Impedance2
20
kΩ
Input Capacitance2
5
7.5
pF
1 RMS values assume sine wave input.
2 Guaranteed by design, not production tested.
Table 3. Master Volume
Parameter
Min
Typ
Max
Unit
Step Size (LINE_OUT, HP Out, Mono Out, SURROUND, CENTER, LFE)
−1.5
dB
Output Attenuation Range (0 dB to –46.5 dB)
−46.5
dB
Mute Attenuation of 0 dB Fundamental2
−80
dB
Table 4. Programmable Gain Amplifier—ADC
Parameter
Min
Typ
Max
Unit
Step Size
1.5
dB
PGA Gain Range Span (0 dB to 22.5 dB)
22.5
dB


Número de pieza similar - AD1986AJCPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
   AC 97 and HD Audio SoundMAX Codec
REV. 0
More results

Descripción similar - AD1986AJCPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
   AC 97 and HD Audio SoundMAX Codec
REV. 0
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1881A AD-AD1881A Datasheet
261Kb / 26P
   AC??7 SoundMAX Codec
REV. 0
AD1980 AD-AD1980 Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
   AC ??7 SoundMAX CODEC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com