Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1986AJCPZ Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD1986AJCPZ
Descripción Electrónicos  AC ??7 and HD Audio SoundMAX Codec
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1986AJCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD1986AJCPZ Datasheet HTML 1Page - Analog Devices AD1986AJCPZ Datasheet HTML 2Page - Analog Devices AD1986AJCPZ Datasheet HTML 3Page - Analog Devices AD1986AJCPZ Datasheet HTML 4Page - Analog Devices AD1986AJCPZ Datasheet HTML 5Page - Analog Devices AD1986AJCPZ Datasheet HTML 6Page - Analog Devices AD1986AJCPZ Datasheet HTML 7Page - Analog Devices AD1986AJCPZ Datasheet HTML 8Page - Analog Devices AD1986AJCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
AC ’97 and HD Audio
SoundMAX Codec
AD1986A
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Supports both AC ’97 and HD audio interfaces
6 DAC channels for 5.1 surround
S/PDIF output
Integrated headphone amplifiers
Variable rate audio
Double rate audio (Fs = 96 kHz)
Greater than 90 dB dynamic range
20-bit resolution on all DACs
20-bit resolution on all ADCs
Line-level mono phone input
High quality differential CD input
Selectable MIC input with preamp
AUX and line-in stereo inputs
External amplifier power down (EAPD)
Power management modes
Jack sensing and device identification
48-lead LQFP package
ENHANCED FEATURES
Integrated parametric speaker equalizer
Stereo microphone with up to 30 dB gain boost
Integrated PLL for system clocking
Variable sample rate: 7 kHz to 96 kHz
7 kHz to 48 kHz in 1 Hz increments
96 kHz for double rate audio
Jack sense with autotopology switching
Jack presence detection on up to 8 jacks
Three software-controlled microphone bias signals
Software-enabled outputs for jack sharing
Auto-down mix and channel spreading
Microphone-to-mono output for speakerphone
Stereo microphone pass-through to mixer
Built-in microphone/center/LFE/line-in sharing
Built-in SURROUND/LINE_IN sharing
Center/LFE swapping supporting all vendor speakers
Microphone left/right swapping
Reduced support component count
General-purpose digital output pin (GPO)
LINE_OUT and HP_OUT, headphone drive on both


Número de pieza similar - AD1986AJCPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
   AC 97 and HD Audio SoundMAX Codec
REV. 0
More results

Descripción similar - AD1986AJCPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
   AC 97 and HD Audio SoundMAX Codec
REV. 0
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1881A AD-AD1881A Datasheet
261Kb / 26P
   AC??7 SoundMAX Codec
REV. 0
AD1980 AD-AD1980 Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
   AC ??7 SoundMAX CODEC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com