Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74AC125N Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza MC74AC125N
Descripción Electrónicos  Quad Buffer with 3-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC125N Datasheet(HTML) 5 Page - ON Semiconductor

  MC74AC125N Datasheet HTML 1Page - ON Semiconductor MC74AC125N Datasheet HTML 2Page - ON Semiconductor MC74AC125N Datasheet HTML 3Page - ON Semiconductor MC74AC125N Datasheet HTML 4Page - ON Semiconductor MC74AC125N Datasheet HTML 5Page - ON Semiconductor MC74AC125N Datasheet HTML 6Page - ON Semiconductor MC74AC125N Datasheet HTML 7Page - ON Semiconductor MC74AC125N Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74AC125, MC74ACT125
http://onsemi.com
5
AC CHARACTERISTICS
74ACT
74ACT
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Min
Max
Min
Max
tPLH
Propagation Delay
50
10
90
10
10
ns
tPLH
Pro agation Delay
Data to Output
5.0
1.0
9.0
1.0
10
ns
tPHL
Propagation Delay
50
10
90
10
10
ns
tPHL
Pro agation Delay
Data to Output
5.0
1.0
9.0
1.0
10
ns
tPZH
Output Enable
50
10
85
10
95
ns
tPZH
Out ut Enable
Time
5.0
1.0
8.5
1.0
9.5
ns
tPZL
Output Enable
50
10
95
10
10 5
ns
tPZL
Out ut Enable
Time
5.0
1.0
9.5
1.0
10.5
ns
tPHZ
Output Disable
50
10
95
10
10 5
ns
tPHZ
Out ut Disable
Time
5.0
1.0
9.5
1.0
10.5
ns
tPLZ
Output Disable
50
10
10
10
10 5
ns
tPLZ
Out ut Disable
Time
5.0
1.0
10
1.0
10.5
ns
*Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
45
pF
VCC = 5.0 V
MARKING DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
PDIP–14
SO–14
TSSOP–14
MC74AC125N
AWLYYWW
AC125
AWLYWW
AC
125
ALYW
ACT
125
ALYW
ACT125
AWLYWW
MC74ACT125N
AWLYYWW
74AC125
ALYW
EIAJ–14
74ACT125
ALYW


Número de pieza similar - MC74AC125N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74AC125N ONSEMI-MC74AC125N Datasheet
142Kb / 9P
   Quad Buffer with 3?뭆tate Outputs
October, 2006 ??Rev. 7
MC74AC125NG ONSEMI-MC74AC125NG Datasheet
142Kb / 9P
   Quad Buffer with 3?뭆tate Outputs
October, 2006 ??Rev. 7
More results

Descripción similar - MC74AC125N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
74AC125MTCX FAIRCHILD-74AC125MTCX Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
74AC125 FAIRCHILD-74AC125_08 Datasheet
309Kb / 10P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT125 AVG-DV74ACT125 Datasheet
279Kb / 4P
   Quad Buffer with 3-State Outputs
logo
Fairchild Semiconductor
74ABT125 FAIRCHILD-74ABT125 Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125_15 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74AC126 MOTOROLA-MC74AC126 Datasheet
150Kb / 5P
   Quad Buffer With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com