Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA407B4U Datasheet(PDF) 1 Page - CTS Corporation

No. de pieza LA407B4U
Descripción Electrónicos  METAL CASE, CASE-MOUNTED SEMICONDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CTS [CTS Corporation]
Página de inicio  http://www.ctscorp.com
Logo CTS - CTS Corporation

LA407B4U Datasheet(HTML) 1 Page - CTS Corporation

  LA407B4U Datasheet HTML 1Page - CTS Corporation LA407B4U Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Series LA-B4
Technical
METAL CASE, CASE-MOUNTED
SEMICONDUCTORS
Part Number Series LA-B4
Natural Conv. (
°C/W): 10.3
Forced Air (
°C/W): 3.2
Mounting Envelope: 1.63" x 1.29" x 1.00"
DESCRIPTION OF CURVES
A.
B.
C.
D.
E.
N.C. Horiz. Device Only
Mounted to G-10.
N.C Horiz. & Vert. With
Dissipator.
200 FPM w/Diss.
500 FPM w/Diss.
1000 FPM w/Diss.
Thermal Resistance Case to Sink is 0.1-0.3
°C/W w/Joint Compound.
Derate 0.7
°C/watt for unplated part in natural convection only.


Número de pieza similar - LA407B4U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CTS Corporation
LA407B3B CTS-LA407B3B Datasheet
221Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA407B3CB CTS-LA407B3CB Datasheet
221Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA407B3U CTS-LA407B3U Datasheet
221Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
More results

Descripción similar - LA407B4U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CTS Corporation
HP3 CTS-HP3 Datasheet
430Kb / 6P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B1 CTS-LB66B1 Datasheet
196Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-A2 CTS-LA-A2 Datasheet
151Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA363B5 CTS-LA363B5 Datasheet
155Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-A1 CTS-LA-A1 Datasheet
87Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
HP1 CTS-HP1 Datasheet
541Kb / 7P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-B3 CTS-LA-B3 Datasheet
221Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B2 CTS-LB66B2 Datasheet
171Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
logo
List of Unclassifed Man...
LBE66B1CB ETC2-LBE66B1CB Datasheet
366Kb / 1P
   HEAT DISSIPATORS FOR PLASTIC CASE, CASE-MOUNTED SEMICONDUCTORS
logo
Vishay Siliconix
VS-ST300C VISHAY-VS-ST300C Datasheet
252Kb / 8P
   Metal case with ceramic insulator
Revision: 25-Nov-13
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com