Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADF4002BRUZ-RL Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADF4002BRUZ-RL
Descripción Electrónicos  Phase Detector/Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADF4002BRUZ-RL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4002BRUZ-RL Datasheet HTML 7Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 8Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 9Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 10Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 11Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 12Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 13Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 14Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADF4002
Rev. 0 | Page 11 of 24
REFERENCE COUNTER LATCH MAP
LDP
0
1
ABP2
ABP1
0
0
2.9ns
0
1
1.3ns
1
0
6.0ns
1
1
2.9ns
R14
R13
R12
..........
R3
R2
R1
0
0
0
..........
0
0
1
1
0
0
0
..........
0
1
0
2
0
0
0
..........
0
1
1
3
0
0
0
..........
1
0
0
4
.
.
.
..........
.
.
.
.
.
.
.
..........
.
.
.
.
.
.
.
..........
.
.
.
.
1
1
1
..........
1
0
0
16380
1
1
1
..........
1
0
1
16381
1
1
1
..........
1
1
0
16382
1
1
1
..........
1
1
1
16383
X = DON’T CARE
DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (0) C1 (0)
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
ABP1
ABP2
T1
T2
LDP
DB21
DB22
DB23
00
X
RESERVED
TEST
MODE BITS
ANTI-
BACKLASH
WIDTH
14-BIT REFERENCE COUNTER
CONTROL
BITS
DIVIDE RATIO
ANTIBACKLASH PULSEWIDTH
TEST MODE BITS
SHOULD BE SET
TO 00 FOR NORMAL
OPERATION.
OPERATION
THREE CONSECUTIVE CYCLES OF PHASE DELAY LESS THAN
15ns MUST OCCUR BEFORE LOCK DETECT IS SET.
FIVE CONSECUTIVE CYCLES OF PHASE DELAY LESS THAN
15ns MUST OCCUR BEFORE LOCK DETECT IS SET.
BOTH OF THESE BITS
MUST BE SET TO 0 FOR
NORMAL OPERATION.
Figure 17. Reference Counter Latch Map


Número de pieza similar - ADF4002BRUZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF4002 AD-ADF4002_15 Datasheet
371Kb / 20P
   Phase Detector/Frequency Synthesizer
REV. C
More results

Descripción similar - ADF4002BRUZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF4002 AD-ADF4002_15 Datasheet
371Kb / 20P
   Phase Detector/Frequency Synthesizer
REV. C
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC1451591 MOTOROLA-MC1451591 Datasheet
225Kb / 12P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
   Serial Input PLL Frequency Synthesizer with analog phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159_08 Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MCH12140 MOTOROLA-MCH12140 Datasheet
71Kb / 4P
   PHASE-FREQUENCY DETECTOR
logo
LANSDALE Semiconductor ...
ML4344 LANSDALE-ML4344 Datasheet
6Mb / 5P
   Phase Frequency Detector
ML12040 LANSDALE-ML12040_05 Datasheet
2Mb / 5P
   Phase-Frequency Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com