Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM1D-0505S-N Datasheet(PDF) 3 Page - AIMTEC

No. de pieza AM1D-0505S-N
Descripción Electrónicos  1 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1D-0505S-N Datasheet(HTML) 3 Page - AIMTEC

  AM1D-0505S-N Datasheet HTML 1Page - AIMTEC AM1D-0505S-N Datasheet HTML 2Page - AIMTEC AM1D-0505S-N Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
19
VISIT US AT WWW.AIMTEC.CA
APPLICATION NOTE
AM1D-N Series
Filtering
In some circuits which are sensitive to noise and ripple, a filtering capacitor may be added to the DC/DC output end and input end to reduce the noise
and ripple. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every
channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees the external capacitor table. To
get an extremely low ripple, an “LC” filtering network may be connected to the input and output ends of the DC/DC converter, which may produce a more
significant filtering effect. It should also be noted that the inductance and the frequency of the “LC” filtering network should be staggered with the dc/dc
frequency to avoid mutual interference (see figure 1).
Requirement on output load
To ensure this module can operate efficiently and reliably, a minimum load is specified for this kind of DC/DC converter in addition to a maximum load
(namely full load). During operation, make sure the specified range of input voltage is not exceeded, the minimum output load is not less than 10% of the
full load, and that this product should never be operated under no load! If the actual output power is very small, please connect a resistor with proper
resistance at the output end in parallel to increase the load.
For single output
For dual output
Overload Protection
Under normal operating conditions, the output
circuit of these products has no protection
against over-current and short-circuits. The
simplest method is to connect a self-recovery
fuse in series at the input end or add a circuit
breaker to the circuit.
Output Voltage Regulation and
Over-voltage Protection Circuit
The simplest device for output voltage
regulation, over-voltage and over-current
protection is a linear voltage regulator with
overheat protection that is connected to the
input or output end in series (see Figure 2).
External Capacitor Table
for Single Output
Vin
Vout
External
Capacitor
External
Capacitor
5VDC
12VDC
24VDC
-
4.7uF
2.2uF
1uF
-
5VDC
9VDC
12VDC
15VDC
10uF
4.7uF
2.2uF
1uF
External Capacitor Table
for Dual Output
Vin
Vout
External
Capacitor
External
Capacitor
5VDC
12VDC
24VDC
-
4.7uF
2.2uF
1uF
-
5VDC
9VDC
12VDC
15VDC
4.7uF
2.2uF
1uF
0.47uF
<Figure 1>
<Figure 2>
<Figure 1>
<Figure 2>
+5%
TYPICAL CHARACTERISTICS


Número de pieza similar - AM1D-0505S-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM1D-0505S-NZ AIMTEC-AM1D-0505S-NZ Datasheet
346Kb / 4P
   1 Watt | DC-DC Converter
More results

Descripción similar - AM1D-0505S-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
   1 watt dc-dc converters
AM1P-N AIMTEC-AM1P-N Datasheet
322Kb / 2P
   1 watt dc-dc converters
AM1DR-N AIMTEC-AM1DR-N Datasheet
288Kb / 2P
   1 watt dc-dc converters
AM1N-N AIMTEC-AM1N-N Datasheet
423Kb / 3P
   1 watt dc-dc converters
AM1DR AIMTEC-AM1DR Datasheet
233Kb / 2P
   1 watt dc-dc converters
AM1S AIMTEC-AM1S Datasheet
240Kb / 2P
   1 watt dc-dc converters
AM1D AIMTEC-AM1D Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1L-N AIMTEC-AM1L-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com