Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM3T-1224DH35 Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AM3T-1224DH35
Descripción Electrónicos  3 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3T-1224DH35 Datasheet(HTML) 1 Page - AIMTEC

  AM3T-1224DH35 Datasheet HTML 1Page - AIMTEC AM3T-1224DH35 Datasheet HTML 2Page - AIMTEC AM3T-1224DH35 Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
48
TO ORDER CALL 1-888-9-AIMTEC
AM3T Series
3 watt dc-dc converters
24 PIN DIP PACKAGE
WIDE 2:1 INPUT RANGE
HIGH EFFICIENCY UP TO 79%
CONTINUOUS SHORT CIRCUIT PROTECTION
INPUT/OUTPUT ISOLATION: 1500 & 3500VDC
OPERATING TEMPERATURE: -40°C ... +85°C
PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
LOW PROFILE METAL PACKAGE
GENERAL DESCRIPTION
Our AM3T series is a family of cost effective 3W single
and dual output DC-DC converters. These converters
combine nickel-coated copper package in a 24-pin DIP
compatible case with high performance features such as
1500 & 3500VDC input/output isolation voltage, continu-
ous short circuit protection with automatic restart and tight
line / load regulation. Wide range devices operate over 2:1
input
voltage
range
providing
stable
output
voltage. Devices are encapsulated using flame retardant
resin. Ninety six models operate from input voltages of 12,
24 & 48VDC with output voltages of 3.3, 5, 7.2, 9, 12, 15,
18, 24, ±3.3, ±5, ±7.2, ±9, ±12, ±15, ±18 & ±24VDC.
High performance features include high efficiency opera-
tion up to 79% and output voltage accuracy of ±1%
maximum. All models are package in a low profile 31.75
x 20.32 x 10.16mm 24 pin DIP nickel-coated copper case.
Operation is specified over the full operating temperature
range of -40°C to +85°C with no derating required.
Cooling is by free-air convection.
ELECTRICAL SPECIFICATIONS
Specifications typical at +25°C, nominal input voltage, rated output current unless otherwise specified
Environmental Specifications:
Operating temperature (ambient) -40°C ... +85°C
Storage temperature
-55°C ... +125°C
Case temperature
+100°C, max.
Derating
None required
Humidity (non-condensing)
Up to 90%
Cooling
Free-air Convection
Input Specifications:
Voltage range
12VDC, 9~18VDC
24VDC, 18~36VDC
48VDC, 36~72VDC
Filter
p
(Pi) Network
Physical Specifications:
Dimensions
31.75x20.32x10.16mm
1.25x0.8x0.4inches
Weight
16.3g
Case material
Nickel-Coated Copper
General Specifications:
Efficiency
74% to 79%
Switching frequency
250KHz, typ. 100% load
MTBF: > 1,039,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25°C)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage (60 sec)
1500, 3500VDC
Resistance
> 1000MOhm
Capacitance
80pF, typ.
Output Specifications:
Voltage accuracy
±1%, max.
Voltage balance (Dual Output) ±1%
Ripple & noise (at 20MHz BW)60mVp-p, max.
Short circuit protection
Continuous
Short circuit restart
Automatic
Line voltage regulation
±0.5%, max.
Load voltage regulation
±0.5%, max.
Temperature coefficient
±0.02%/°C, typ.


Número de pieza similar - AM3T-1224DH35

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM3T-1224DH35-VZ AIMTEC-AM3T-1224DH35-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3T-1224DH35-VZ AIMTEC-AM3T-1224DH35-VZ Datasheet
265Kb / 7P
   3 Watt | DC-DC Converter
AM3T-1224DH35Z AIMTEC-AM3T-1224DH35Z Datasheet
308Kb / 4P
   3 Watt | DC-DC Converter
AM3T-1224DH35Z AIMTEC-AM3T-1224DH35Z Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
More results

Descripción similar - AM3T-1224DH35

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power-One
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
RSG Electronic Componen...
EC3AE01M RSG-EC3AE01M Datasheet
859Kb / 1P
   3 WATT DC-DC CONVERTERS
logo
AIMTEC
AM3TW AIMTEC-AM3TW Datasheet
260Kb / 2P
   3 watt dc-dc converters
logo
CINCON ELECTRONICS Corp...
EC3AE CINCON-EC3AE Datasheet
176Kb / 2P
   3 WATT DC-DC CONVERTERS
logo
AIMTEC
AM3N-S AIMTEC-AM3N-S Datasheet
236Kb / 2P
   3 watt dc-dc converters
AM3F AIMTEC-AM3F Datasheet
234Kb / 2P
   3 watt dc-dc converters
logo
List of Unclassifed Man...
UM1001 ETC2-UM1001 Datasheet
286Kb / 2P
   3 Watt DC-DC Converters
logo
AIMTEC
AM3N-D AIMTEC-AM3N-D Datasheet
215Kb / 2P
   3 watt dc-dc converters
AM3T-N AIMTEC-AM3T-N Datasheet
282Kb / 3P
   3 watt dc-dc converters
logo
RSG Electronic Componen...
EC3SA-05S33 RSG-EC3SA-05S33 Datasheet
239Kb / 1P
   3 WATT REGULATED DC-DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com