Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM6TW-4803S-N Datasheet(PDF) 3 Page - AIMTEC

No. de pieza AM6TW-4803S-N
Descripción Electrónicos  6 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6TW-4803S-N Datasheet(HTML) 3 Page - AIMTEC

  AM6TW-4803S-N Datasheet HTML 1Page - AIMTEC AM6TW-4803S-N Datasheet HTML 2Page - AIMTEC AM6TW-4803S-N Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TO ORDER CALL 1-888-9-AIMTEC
AM6TW-N Series
APPLICATION NOTE
Recommended Circuit
All of our AM6TW-N Series have been tested according to the following
recommended testing circuit before leaving our factory. This series should be
tested under load & never be tested under no load (See Figure 1).
If you want to further decrease the input/output ripple, you can increase
capacitance properly or choose capacitors with a low ESR. However, the
capacitance should not be too high.(See table 1).
Input Current
When it is used in an unregulated power supply, be sure that the fluctuating
range of the power supply and the rippled voltage do not exceed the module
standard. Input current of power supply should afford the startup current of
this kind of DC/DC module. (See figure 2)
External Capacitor
Although this series of DC/DC converters can work without an external
capacitor, it is highly recommended to use one in order to keep an optimum
performance. (See Table 1)
Requirement on Output Load
To ensure this module operate efficiently and reliably, a minimum load is
specified for this kind of DC/DC converter in addition to a maximum load
(namely full load). During operation, make sure the specified range of input
voltage is not exceeded, the minimum out put load is not less than 10% Of
the full load, and that this product should never be operated under no load!!!
If the actual load is less below the specified minimum load, the output ripple
of this type of DC/DC converter will increase drastically and at the same time
efficiency & reliability of the circuit will decrease deeply .If the actual output
power from the load in your circuit is very small, please connect a resistor
with proper resistance at the output end in parallel to increase the load, or
use our company’s other products with a lower rated output power.
TYPICAL
CHARACTERISTICS
External Capacitor Table
Single & Dual Outputs
Figure 1 - Single Output
Figure 1 - Dual Output
Figure 2 - Single & Dual Outputs
Vin
Cin
Vout
Cout
24V
100uF
5V
100uF each
1A Current
48V
100uF
12V
-
-
15V
-
-
24V


Número de pieza similar - AM6TW-4803S-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM6TW-4803S-NZ AIMTEC-AM6TW-4803S-NZ Datasheet
259Kb / 5P
   Very low no load power consumption of 0.12W
More results

Descripción similar - AM6TW-4803S-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
   6 watt dc-dc converters
AM6T AIMTEC-AM6T Datasheet
279Kb / 3P
   6 watt dc-dc converters
AM6T-N AIMTEC-AM6T-N Datasheet
195Kb / 3P
   6 watt dc-dc converters
logo
Power-One
IMO POWER-ONE-IMO Datasheet
107Kb / 2P
   6 Watt DC-DC Converters
logo
List of Unclassifed Man...
AM6T ETC1-AM6T Datasheet
527Kb / 3P
   6 watt dc-dc converters
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06_16 Datasheet
826Kb / 7P
   6 Watt DC/DC Power Converters
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com