Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC635-16 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza BC635-16
Descripción Electrónicos  NPN medium power transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC635-16 Datasheet(HTML) 6 Page - NXP Semiconductors

  BC635-16 Datasheet HTML 1Page - NXP Semiconductors BC635-16 Datasheet HTML 2Page - NXP Semiconductors BC635-16 Datasheet HTML 3Page - NXP Semiconductors BC635-16 Datasheet HTML 4Page - NXP Semiconductors BC635-16 Datasheet HTML 5Page - NXP Semiconductors BC635-16 Datasheet HTML 6Page - NXP Semiconductors BC635-16 Datasheet HTML 7Page - NXP Semiconductors BC635-16 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1999 Apr 23
6
Philips Semiconductors
Product specification
NPN medium power transistors
BC635; BC637; BC639
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data Sheet Status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.


Número de pieza similar - BC635-16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC635-16 NXP-BC635-16 Datasheet
152Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
BC635-16 NXP-BC635-16 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
BC635-16 PHILIPS-BC635-16 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
More results

Descripción similar - BC635-16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BSR40 PHILIPS-BSR40 Datasheet
41Kb / 8P
   NPN medium power transistors
1999 Apr 28
BSX45 PHILIPS-BSX45 Datasheet
53Kb / 8P
   NPN medium power transistors
1997 Apr 23
BC140 PHILIPS-BC140 Datasheet
50Kb / 8P
   NPN medium power transistors
1997 May 12
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
STMicroelectronics
STF724 STMICROELECTRONICS-STF724_06 Datasheet
216Kb / 11P
   NPN medium power transistors
logo
Guangdong Kexin Industr...
BCX54 KEXIN-BCX54 Datasheet
53Kb / 2P
   NPN Medium Power Transistors
logo
New Jersey Semi-Conduct...
BC140 NJSEMI-BC140 Datasheet
68Kb / 2P
   NPN medium power transistors
logo
FutureWafer Tech Co.,Lt...
BCX493TA FUTUREWAFER-BCX493TA Datasheet
1Mb / 7P
   NPN Medium Power Transistors
14-DEC-2021 V 2.0
logo
SHIKUES Electronics
2SD1005 SKTECHNOLGY-2SD1005 Datasheet
669Kb / 2P
   NPN Medium Power Transistors
logo
Guangdong Kexin Industr...
BSR40 KEXIN-BSR40 Datasheet
40Kb / 2P
   NPN Medium Power Transistors
logo
STMicroelectronics
STF724 STMICROELECTRONICS-STF724_08 Datasheet
172Kb / 11P
   NPN medium power transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com