Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BU407 Datasheet(PDF) 3 Page - Bourns Electronic Solutions |
|
BU407 Datasheet(HTML) 3 Page - Bourns Electronic Solutions |
3 / 6 page BU406, BU407 NPN SILICON POWER TRANSISTORS 3 P R O D UCT INFORMA TION AUGUST 1978 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice. PARAMETER MEASUREMENT INFORMATION Figure 1. Inductive-Load Switching Test Circuit Figure 2. Inductive-Load Switching Waveforms Current Probes 0 +4V V cc = 24V 47 Ω 100 Ω 100 Ω 50 Ω 22 Ω 22 Ω 1 k Ω 22 Ω 5.6 Ω 7.5 Ω µH 14.8 µH 240 5 pF 2N5337 2N6191 TIP31 TIP31 TIP31 TIP32 TIP32 TUT BY205 BY205 OUTPUT V BB+ V BB- SET I B INPUT t s I B(end) µs 64 42 µs 50% I B IC V CE 0 0 0 3 V V fly t off 0.1 A toff is the time for the collector current IC to decrease to 0.1 A after the collector to emitter voltage VCE has risen 3 V into its flyback excursion. |
Número de pieza similar - BU407 |
|
Descripción similar - BU407 |