Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1983JCPZ-REEL Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD1983JCPZ-REEL
Descripción Electrónicos  HD Audio SoundMAX Codec
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1983JCPZ-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1983JCPZ-REEL Datasheet HTML 3Page - Analog Devices AD1983JCPZ-REEL Datasheet HTML 4Page - Analog Devices AD1983JCPZ-REEL Datasheet HTML 5Page - Analog Devices AD1983JCPZ-REEL Datasheet HTML 6Page - Analog Devices AD1983JCPZ-REEL Datasheet HTML 7Page - Analog Devices AD1983JCPZ-REEL Datasheet HTML 8Page - Analog Devices AD1983JCPZ-REEL Datasheet HTML 9Page - Analog Devices AD1983JCPZ-REEL Datasheet HTML 10Page - Analog Devices AD1983JCPZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD1983
Rev. 0 | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NC = NO CONNECT
1
NC (Reserved)
2
SDATA_OUT
3
BIT_CLK
4
DVSS
5
SDATA_IN
6
DVDD
7
SYNC
8
RESET
24 PORT-D_R (Line Out)
23 PORT-D_L (Line Out)
22 AVDD (Optional)
21 SENSE_SRC
20 MIC_BIAS-C
19 MIC_BIAS-B
18 VREF_FILT
17 AVSS
TOP VIEW
(Not to Scale)
AD1983
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Mnemonic
Pin
No.
I/O1
Description
SDATA_OUT
2
I
HD Audio Link Serial Data Output. Codec input stream.
BIT_CLK
3
I
HD Audio Link Bit Clock Input. 24 MHz.
SDATA_IN
5
I/O
HD Audio Link Serial Data Input. Codec output stream.
SYNC
7
I
HD Audio Link Frame Sync.
RESET
8
I
HD Audio Link Reset. Master hardware reset.
GPIO_1/JS_0
31
Digital I/O
GPIO_1: General Purpose Input/Output Pin. Digital signal used for circuit control.
JS_0: Classical (DC) Jack Sense for Line_Out Pins. Low = jack not present, high = jack
present.
GPIO_0/JS_1
30
Digital I/O
GPIO_0: General Purpose Input/Output Pin. Digital signal used circuit control.
JS_1: Classical (DC) Jack Sense for Headphone. Low = jack not present, high = jack
present.
SENSE_A
9
Digital I
Jack Sense Input for Presence Detect on Port A Through Port D. Used with isolated
switches on audio jacks.
SENSE_SRC
21
Digital O
Connect via 2.67 kΩ 1% resistor to Pin 9 (SENSE_A) when using the SENSE_A functionality.
This reduces the current draw of the jack presence tree during idle states. Remove the
resistor between Pin 9 and AVDD in this mode.
PORT-B_L (MIC)
13
Analog I
Microphone or Line-In Left Input.
PORT-B_R (MIC)
14
Analog I
Microphone or Line-In Right Input.
PORT-C_L (Line In)
15
Analog I
Line-In or Microphone Left Input.
PORT-C_R (Line In)
16
Analog I
Line-In or Microphone Right Input.
PORT-D_L (Line Out)
23
Analog O
Line-Out-(Front)-Left Channel.
PORT-D_R (Line Out)
24
Analog O
Line-Out-(Front)-Right Channel.
MONO_OUT
25
Analog O
Monaural Output to Telephony Subsystem Speakerphone.
PORT-A_L (Headphone)
27
Analog O
Headphone-Out-Left Channel.
PORT-A_R (Headphone)
28
Analog O
Headphone-Out-Right Channel.
VREF_FILT
18
O
Voltage Reference Filter.
MIC_BIAS-B
19
O
Programmable Microphone Bias Output. Intended for connection to Port-B.


Número de pieza similar - AD1983JCPZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1980 AD-AD1980 Datasheet
750Kb / 32P
   SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
AD1980 AD-AD1980 Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1980 AD-AD1980 Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1980JST AD-AD1980JST Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1980JST AD-AD1980JST Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
More results

Descripción similar - AD1983JCPZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
   AC 97 and HD Audio SoundMAX Codec
REV. 0
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com